Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8591T Datasheet (PDF) - NXP Semiconductors

PCF8591T Datasheet PDF - NXP Semiconductors
Part # PCF8591T
Download  PCF8591T Download
File Size   139.63 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit A/D and D/A converter

PCF8591T Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF8591T Datasheet PDF - NXP Semiconductors

Part # PCF8591T
Download  PCF8591T Click to download

File Size   139.63 Kbytes
Page   28 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit A/D and D/A converter

PCF8591T Datasheet (HTML) - NXP Semiconductors


PCF8591T Product details

GENERAL DESCRIPTION

The PCF8591 is a single-chip, single-supply low power 8-bit CMOS data acquisition device with four analog inputs, one analog output and a serial I2C-bus interface. Three address pins A0, A1 and A2 are used for programming the hardware address, allowing the use of up to eight devices connected to the I2C-bus without additional hardware. Address, control and data to and from the device are transferred serially via the two-line bidirectional I2C-bus.



FEATURES

• Single power supply

• Operating supply voltage 2.5 V to 6 V

• Low standby current

• Serial input/output via I2C-bus

• Address by 3 hardware address pins

• Sampling rate given by I2C-bus speed

• 4 analog inputs programmable as single-ended or differential inputs

• Auto-incremented channel selection

• Analog voltage range from VSS to VDD

• On-chip track and hold circuit

• 8-bit successive approximation A/D conversion

• Multiplying DAC with one analog output.



APPLICATIONS

• Closed loop control systems

• Low power converter for remote data acquisition

• Battery operated equipment

• Acquisition of analog values in automotive, audio and TV applications.



 




Similar Part No. - PCF8591T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8591T PHILIPS-PCF8591T Datasheet
157Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
More results


Similar Description - PCF8591T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8591 PHILIPS-PCF8591 Datasheet
221Kb / 28P
8-bit A/D and D/A converter
1998 Jul 02
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
8-Bit A/D Converter
logo
fujitsu semiconductor
MB40168 FUJITSU-MB40168 Datasheet
687Kb / 21P
Single Chip 8-Bit A/D and 9-Bit D/A Converter
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
8-bit D/A Converter
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
8-BIT D-A/A-D CONVERTER
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
8-bit A/D Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
8-bit A/D and D/A converter
Rev. 02-27 January 2010
PCF8591 PHILIPS-PCF8591_03 Datasheet
157Kb / 28P
8-bit A/D and D/A converter
2003 Jan 27
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
8-Bit A/D Converter
REV. A
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com