Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C32160 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C32160 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C32160
Download  PI3C32160 Download
File Size   284.0 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch

PI3C32160 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C32160 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C32160
Download  PI3C32160 Click to download

File Size   284.0 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch

PI3C32160 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3C32160 Product details

Product Description
Pericom Semiconductors PI3C series of logic circuits are produced using the Companys advanced submicron CMOS technology, achieving industry leading performance.
The PI3C32160 is a 16- to 32-bit demultiplexer bus switch. Industry leading advantages include a propagation delay of 500ps, resulting from 9 ohms channel resistance and low I/O capacitance. A port demultiplexes to either 1B or 2B and the switch is bidirectional.

Product Features
• RON is 9 ohms typical
• Pullup on B1 and B2 ports
• Low Power: 70µA typical
• Industrial Operation Temperature: –40”C to +85”C
• Near Zero propagation delay
• Switching speed: 5ns max.
• Channel on capacitance: 12pF typical
• VCCOperating Range: +2V to +3.6V
• >100 MHz bandwidth (or clock rate) at 20pF load capacitance
• Package: 56-pin TSSOP (A)

Application
    PCI Hot Plugging.




Similar Part No. - PI3C32160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32384 PERICOM-PI3C32384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
190Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245L PERICOM-PI3C3245L Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Similar Description - PI3C32160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B32160 PERICOM-PI3B32160 Datasheet
296Kb / 4P
3.3V, Low Capacitance 16-Bit to 32-Bit Demux PCI Hot Plug Bus Switch with Precharged Outputs for Live Insertion
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233 Datasheet
85Kb / 8P
2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI5C32160C PERICOM-PI5C32160C Datasheet
263Kb / 4P
16-Bit to 32-Bit, DeMux PCI Hot-Plug Bus Switch with 1.5V Undershoot Protection
PI5C32161C PERICOM-PI5C32161C Datasheet
206Kb / 4P
16-Bit to 32-Bit, Demux PCI Hot-Plug Bus Switch with -2V Undershoot Protection
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
logo
Renesas Technology Corp
HD74CBT32160C RENESAS-HD74CBT32160C Datasheet
228Kb / 11P
16-bit to 32-bit Demux PCI Hot-plug Bus Switch
logo
Integrated Device Techn...
IDTQS3VH16233 IDT-IDTQS3VH16233_13 Datasheet
265Kb / 8P
QUICKSWITCH PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Renesas Technology Corp
IDTQS3VH16233 RENESAS-IDTQS3VH16233 Datasheet
433Kb / 9P
QUICKSWITCH® PRODUCTS 2.5V / 3.3V 32:16 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com