Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3245 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C3245 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C3245
Download  PI3C3245 Download
File Size   190.36 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch

PI3C3245 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C3245 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C3245
Download  PI3C3245 Click to download

File Size   190.36 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch

PI3C3245 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3C3245 Product details

Description
Pericom Semiconductor’s PI3C3245 is a 2.5 volt or 3.3 volt 8-bit, 2-port bus switch designed with a low On-Resistance (5-ohm) allowing inputs to be connected directly to outputs. The bus switch creates no additional propagational delay or additional ground bounce noise. The switches are turned ON by the Bus Enable (BE) input signal. It is very useful in switching signals that have high bandwidth (>400 MHz).

Features
• Near-Zero propagation delay
• 5-ohm switches connect inputs to outputs
• High Bandwidth Operation (>400 MHz)
• Permits Hot Insertion
• 5V I/O Tolerant
• Rail-to-Rail 3.3V or 2.5V Switching
• 2.5V Supply Voltage Operation
• Packaging (Pb-free & Green available):
    – 20-pin 150 mil wide plastic QSOP (Q)
    – 20-pin 173 mil wide plastic TSSOP (L)




Similar Part No. - PI3C3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245L PERICOM-PI3C3245L Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245LE PERICOM-PI3C3245LE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245Q PERICOM-PI3C3245Q Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
616Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Similar Description - PI3C3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245_11 Datasheet
616Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com