Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C3245 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3C3245
Description  2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3C3245 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3C3245 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C3245 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C3245 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C3245 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8162B
12/10/99
PI3C3245
2.5V/3.3V, High Bandwidth, Hot Insertion
8-Bit, 2-Port, Bus Switch
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
VCC
NC
1
20
BE
A0
2
19
B0
A1
3
18
B1
A2
4
17
B2
A3
5
16
B3
A4
6
15
B4
A5
7
14
B5
A6
8
13
B6
A7
9
12
B7
GND
10
11
Product Description
PericomSemiconductor’sPI3Cseriesoflogiccircuitsareproduced
using the Company’s advanced submicron CMOS technology,
achieving industry leading performance.
The PI3C3245 is a 2.5V or 3.3V 8-bit, 2-port bus switch designed
with a low ON resistance (5Ω) allowing inputs to be connected
directlytooutputs.Thebusswitchcreatesnoadditionalpropagational
delay or additional ground bounce noise. The switches are turned
ONbytheBusEnable(BE)inputsignal.Itisveryusefulinswitching
signals that have high bandwidth (>400 MHz).
Function
BE
A0–7
Disconnect
H
Hi-Z
Connect
L
B0–7
Truth Table(1)
Note:
1. H
= High Voltage Level
L
= Low Voltage Level
Hi-Z = High Impedance
Logic Block Diagram
Product Pin Description
Pin Name
Description
BE
Bus Enable Input (Active LOW)
A0–7
Bus A
B0–7
Bus B
GND
Ground
VCC
Power
Product Pin Configuration
Product Features
• Near zero propagation delay
•5Ω switches connect inputs to outputs
• HighBandwidthOperation(>400MHz)
• Permits Hot Insertion
• 5VI/OTolerant
• Rail-to-Rail3.3Vor2.5VSwitching
• 2.5VSupplyVoltageOperation
• Packagesavailable:
–20-pin150milwideplasticQSOP(Q)
–20-pin173milwideplasticTSSOP(L)
20-Pin
L,Q
*-
)%
)
*%
*


Similar Part No. - PI3C3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245L PERICOM-PI3C3245L Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245LE PERICOM-PI3C3245LE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245Q PERICOM-PI3C3245Q Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
616Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results

Similar Description - PI3C3245

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X384 PERICOM-PI3C32X384 Datasheet
645Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245_11 Datasheet
616Kb / 5P
2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com