Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLDC20G10 Datasheet (PDF) - Cypress Semiconductor

PLDC20G10 Datasheet PDF - Cypress Semiconductor
Part # PLDC20G10
Download  PLDC20G10 Download
File Size   393.73 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description CMOS Generic 24-Pin Reprogrammable Logic Device

PLDC20G10 Datasheet (PDF)

Go To PDF Page Download Datasheet
PLDC20G10 Datasheet PDF - Cypress Semiconductor

Part # PLDC20G10
Download  PLDC20G10 Click to download

File Size   393.73 Kbytes
Page   14 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description CMOS Generic 24-Pin Reprogrammable Logic Device

PLDC20G10 Datasheet (HTML) - Cypress Semiconductor


PLDC20G10 Product details

Functional Description
Cypress PLD devices are high-speed electrically program mable logic devices. These devices utilize the sum-of-products (AND-OR) structure providing users the ability to program custom logic functions for unique requirements.
In an unprogrammed state the AND gates are connected via EPROM cells to both the true and complement of every input. By selectively programming the EPROM cells, AND gates may be connected to either the true or complement or disconnected from both true and complement inputs.

Features
• Fast
   — Commercial: tPD = 15 ns, tCO = 10 ns, tS = 12 ns
   — Military: tPD = 20 ns, tCO = 15 ns, tS = 15 ns
• Low power
   — ICC max.: 70 mA, commercial
   — ICC max.: 100 mA, military
• Commercial and military temperature range
• User-programmable output cells
   — Selectable for registered or combinatorial operation
   — Output polarity control
   — Output enable source selectable from pin 13 or product term
• Generic architecture to replace standard logic functions including: 20L10, 20L8, 20R8, 20R6, 20R4, 12L10, 14L8, 16L6, 18L4, 20L2, and 20V8
• Eight product terms and one OE product term per output
• CMOS EPROM technology for reprogrammability
• Highly reliable
   — Uses proven EPROM technology
   — Fully AC and DC tested
   — Security feature prevents logic pattern duplication
   — ±10% power supply voltage and higher noise immunity




Similar Part No. - PLDC20G10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-15JC CYPRESS-PLDC20RA10-15JC Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-15PC CYPRESS-PLDC20RA10-15PC Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-20DMB CYPRESS-PLDC20RA10-20DMB Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PLDC20RA10-20PC CYPRESS-PLDC20RA10-20PC Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
More results


Similar Description - PLDC20G10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
Reprogrammable CMOS PAL Device
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
Flash Erasable, Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
Flash-erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
Flash-Erasable Reprogrammable CMOS PAL짰 Device
PLDC20RA10 CYPRESS-PLDC20RA10 Datasheet
581Kb / 14P
Reprogrammable Asynchronous CMOS Logic Device
PALC22V10L-25PC CYPRESS-PALC22V10L-25PC Datasheet
1Mb / 15P
Reprogrammable CMOS PAL짰 Device
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com