Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNX8510 Datasheet (PDF) - NXP Semiconductors

PNX8510 Datasheet PDF - NXP Semiconductors
Part # PNX8510
Download  PNX8510 Download
File Size   3064.11 Kbytes
Page   92 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Analog companion chip

PNX8510 Datasheet (PDF)

Go To PDF Page Download Datasheet
PNX8510 Datasheet PDF - NXP Semiconductors

Part # PNX8510
Download  PNX8510 Click to download

File Size   3064.11 Kbytes
Page   92 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Analog companion chip

PNX8510 Datasheet (HTML) - NXP Semiconductors


PNX8510 Product details

General description
The PNX8510; PNX8511 is an analog backend companion chip to digital ICs processing video and audio signals.

The primary difference between the PNX8510 and the PNX8511 is:
• PNX8510 includes the Macrovision™ pay-per-view copy protection system
• PNX8511 does not include Macrovision™

Features
PNX8510
■ Six 10-bit video DACs running at up to 135 MHz 1LSB DNL
■ Four audio DACs arranged as two stereo pairs
■ Two built-in digital video encoders
■ PAL B/G, NTSC-M and SECAM encoding
■ Two 10-bit D1 inputs with embedded VBI data
■ Two I2S-bus independent audio input ports
■ I2C-bus programmable (slave interface)
■ Support for high resolution video out up to 81 MHz interface clock rate
■ Support for input modes 2xD1, RGB, 1x 2D1 muxed, 24/30-bit RGB, DD1
■ Programmable generation of embedded analog and external digital sync signals compliant to VESA and SMPTE 274 standards
■ VBI encoding for standard definition video out
■ Teletext insertion for PAL-WST, NTSC-WST, NABTS
■ VPS video programming service encoding
■ Closed caption encoding
■ CGMS copy generation management system according to CPR-1204
■ Internal color bar generator for standard definition video out
■ JTAG-controlled test signals on video and audio converters
■ Macrovision™ pay-per-view copy protection system, rev. 7.1 (SCART support with Macrovision™ copy protection on the RGB lines)

PNX8511
■ PNX8511 has all the features of PNX8510 with the exception of Macrovision™

Applications
■ Digital Television
■ Set-top Box
■ Multimedia Applications




Similar Part No. - PNX8510

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
PNX8526EH PHILIPS-PNX8526EH Datasheet
3Mb / 59P
Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
More results


Similar Description - PNX8510

ManufacturerPart #DatasheetDescription
logo
NEC
UPD31172 NEC-UPD31172 Datasheet
278Kb / 9P
VRC4172TM COMPANION CHIP FOR VR4121TM
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
Video CD/DVD Companion Chip
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
LCD/USB Companion Chip
logo
Intel Corporation
GW80314GSSL7NK INTEL-GW80314GSSL7NK Datasheet
1Mb / 88P
Intel짰 GW80314 I/O Companion Chip
logo
Epson Company
S1D13A04 EPSON-S1D13A04 Datasheet
152Kb / 3P
S1D13A04 LCD/USB Companion Chip
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
HDMI Companion Chip
logo
IC-Haus GmbH
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
IC-PMX Companion Chip
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
logo
NXP Semiconductors
UJA1169L NXP-UJA1169L Datasheet
526Kb / 74P
Mini high-speed CAN companion system basis chip
Rev. 1 ??15 February 2016
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com