Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD31172 Datasheet (PDF) - NEC

UPD31172 Datasheet PDF - NEC
Part # UPD31172
Download  UPD31172 Download
File Size   278.39 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VRC4172TM COMPANION CHIP FOR VR4121TM

UPD31172 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD31172 Datasheet PDF - NEC

Part # UPD31172
Download  UPD31172 Click to download

File Size   278.39 Kbytes
Page   9 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VRC4172TM COMPANION CHIP FOR VR4121TM

UPD31172 Datasheet (HTML) - NEC


UPD31172 Product details

DESCRIPTION
The µPD31172 (commercial name: VRC4172) is a companion chip designed for NEC’s µPD30121 microprocessor (commercial name: VR4121).
The VRC4172 has the following functions available on chip: a USB host controller, an IEEE1284 parallel controller, a 16550 serial controller, a PS/2 controller, general-purpose ports (GPIO), programmable chip select (PCS), and a PWM controller (a duty modulated light pulse generation function for LCD backlighting).
The VRC4172 can be directly connected to the VR4121, allowing a reduction in the man-hours required for development of a Windows™ CE system.

FEATURES
• Directly connectable to VR4121
• On-chip USB host controller
   • USB ports: 2
   • Compliant with the USB OpenHCI specifications, release 1.0
   • Communicates with USB device asynchronously with host CPU
   • Full-speed (12 Mbps) and low-speed (1.5 Mbps) modes supported
   • System clock: 48 MHz
• On-chip PS/2 controller
• On-chip IEEE1284 parallel controller
• On-chip 16550 serial controller
• General-purpose ports (GPIO): 24
• On-chip PWM controller
   • Duty modulated light pulse generation function for LCD backlighting
• Internal maximum operating frequency: 48 MHz
• Power supply voltage: VDD = 3.3 V ± 0.3 V
• Package: 208-pin plastic FBGA

APPLICATIONS
• Battery-driven portable information devices
• Peripheral devices for PCs, etc.




Similar Part No. - UPD31172

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD3140GS RENESAS-UPD3140GS Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
UPD3140GS-E1 RENESAS-UPD3140GS-E1 Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
UPD3140GS-E2 RENESAS-UPD3140GS-E2 Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
UPD3140GS-T1 RENESAS-UPD3140GS-T1 Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
UPD3140GS-T2 RENESAS-UPD3140GS-T2 Datasheet
507Kb / 20P
BiCMOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD31172

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
VR4121TM 64-/32-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
Video CD Companion Chip Product Brief
ES3207 ETC-ES3207 Datasheet
72Kb / 4P
Video CD/DVD Companion Chip
logo
ON Semiconductor
MC33170 ONSEMI-MC33170 Datasheet
231Kb / 16P
RF Amplifier Companion Chip for Dual-Band Cellular Subscriber Terminal
May, 2001 ??Rev. 1
logo
NXP Semiconductors
PNX8510 PHILIPS-PNX8510 Datasheet
2Mb / 92P
Analog companion chip
Rev. 04??2 January 2004
logo
EPCOS
S1D13A05B00B200 EPCOS-S1D13A05B00B200 Datasheet
1Mb / 184P
LCD/USB Companion Chip
logo
Epson Company
S1D13A04 EPSON-S1D13A04 Datasheet
152Kb / 3P
S1D13A04 LCD/USB Companion Chip
logo
Texas Instruments
TPD12S016 TI1-TPD12S016_15 Datasheet
1Mb / 32P
HDMI Companion Chip
logo
IC-Haus GmbH
IC-TW14 ICHAUS-IC-TW14 Datasheet
684Kb / 33P
IC-PMX Companion Chip
logo
Melexis Microelectronic...
MLX75123 MELEXIS-MLX75123 Datasheet
2Mb / 48P
Time-of-Flight Companion Chip
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com