Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet (PDF) - NEC

UPD30121 Datasheet PDF - NEC
Part # UPD30121
Download  UPD30121 Download
File Size   436.61 Kbytes
Page   76 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VR4121TM 64-/32-BIT MICROPROCESSOR

UPD30121 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD30121 Datasheet PDF - NEC

Part # UPD30121
Download  UPD30121 Click to download

File Size   436.61 Kbytes
Page   76 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VR4121TM 64-/32-BIT MICROPROCESSOR

UPD30121 Datasheet (HTML) - NEC


UPD30121 Product details

DESCRIPTION
The µPD30121 (VR4121) is one of NEC’s VR SeriesTM RISC (Reduced Instruction Set Computer) microprocessors and is a high-performance 64-/32-bit microprocessor employing the MIPSTM RISC architecture.
The VR4121 uses the high-performance, super power-saving VR4120TM as the CPU core, and has many peripheral functions such as a DMA controller, software modem interface, serial interface, keyboard interface, IrDA interface, touch panel interface, real-time clock, A/D converter, and D/A converter. Configured with these functions, the VR4121 is suitable for high-speed battery-driven portable information systems. The external memory bus width can be selected from 32 bits and 16 bits, realizing high-speed data transfer.

FEATURES
• Employs 64-bit MIPS architecture
   • Conforms to MIPS III instruction set (deleting FPU, LL, LLD, SC, and SCD instructions)
   • Optimized 6-stage pipeline
• Supports MIPS16 instruction set
• Supports high-speed product-sum operation instructions
• Supports four types of operating modes, enabling more effective power-consumption management
• Internal maximum operating frequency: 131/168 MHz
• On-chip clock generator
• Address space physical: 32 bits
                           virtual: 40 bits
  Integrates 32 double entry TLBs
• High-capacity instruction/data separated cache memories
   Instruction: 16 Kbytes
   Data: 8 Kbytes
• Memory controller (ROM, EDO-type DRAM, synchronous DRAM (SDRAM), synchronous ROM (SROM), and flash memory supported)
• Keyboard interface and touch panel interface
• 4-channel DMA controller
• Serial interface (NS16550 compatible)
• IrDA interface for infrared communication
• Software modem interface
• A/D and D/A converters to support digital voice I/O
• Supports ISA bus subset
• Power supply voltage: VDD2 = 2.5 V (internal), VDD3 = 3.3 V (external) (131 MHz model)
• Package: 224-pin fine-pitch FBGA

APPLICATIONS
• Battery-driven portable information systems
• Embedded controllers, etc.




Similar Part No. - UPD30121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD30101 RENESAS-UPD30101 Datasheet
3Mb / 100P
MOS INTEGRATED CIRCUIT
1997
UPD30101GM-33-8ED RENESAS-UPD30101GM-33-8ED Datasheet
3Mb / 100P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Renesas Technology Corp
UPD30102 RENESAS-UPD30102 Datasheet
722Kb / 114P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD30102GM-54-8EV NEC-UPD30102GM-54-8EV Datasheet
2Mb / 701P
64/32-bit Microprocessor
More results


Similar Description - UPD30121

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
VR5500??64-/32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com