Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30550 Datasheet (PDF) - NEC

UPD30550 Datasheet PDF - NEC
Part # UPD30550
Download  UPD30550 Download
File Size   949.43 Kbytes
Page   27 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VR5500??64-/32-BIT MICROPROCESSOR

UPD30550 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD30550 Datasheet PDF - NEC

Part # UPD30550
Download  UPD30550 Click to download

File Size   949.43 Kbytes
Page   27 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VR5500??64-/32-BIT MICROPROCESSOR

UPD30550 Datasheet (HTML) - NEC


UPD30550 Product details

DESCRIPTION

The µPD30550 (VR5500) is a member of the VRSeries™ of RISC (Reduced Instruction Set Computer) microprocessors. It is a high-performance 64-/32-bit microprocessor that employs the RISC architecture developed by MIPS™.

The VR5500 allowsselection of a 64-bit or 32-bit bus width for the system interface, and can operate using protocols compatible with the VR5000 Series™ and VR5432™



. FEATURES

• MIPS 64-bit RISC architecture

• High-speed operation processing

• Two-waysuperscaler super pipeline

• 300 MHz product:  603 MIPS

  400 MHz product:  804 MIPS

• High-speed translation lookaside buffer (TLB) (48 entries)

•Address space

• Physical:  36 bits (64-bit bus selected) 32 bits (32-bit bus selected)

• Virtual:  40 bits (in 64-bit mode) 31 bits (in 32-bit mode)

• On-chip floating-point unit (FPU)

• Supports sum-of-products instructions

• On-chip primarycache memory (instruction/data: 32 KB each)

• 2-wayset associative

• Supports line lock feature




Similar Part No. - UPD30550

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30500 NEC-UPD30500 Datasheet
210Kb / 36P
VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
UPD30500A NEC-UPD30500A Datasheet
210Kb / 36P
VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
UPD30500AS2-250 NEC-UPD30500AS2-250 Datasheet
210Kb / 36P
VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
UPD30500B NEC-UPD30500B Datasheet
210Kb / 36P
VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
UPD30500BS2-300 NEC-UPD30500BS2-300 Datasheet
210Kb / 36P
VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
More results


Similar Description - UPD30550

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
VR4121TM 64-/32-BIT MICROPROCESSOR
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com