Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30500 Datasheet (PDF) - NEC

UPD30500 Datasheet PDF - NEC
Part # UPD30500
Download  UPD30500 Download
File Size   210.82 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR

UPD30500 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD30500 Datasheet PDF - NEC

Part # UPD30500
Download  UPD30500 Click to download

File Size   210.82 Kbytes
Page   36 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR

UPD30500 Datasheet (HTML) - NEC


UPD30500 Product details

DESCRIPTION
The µPD30500 (VR5000), µPD30500A (VR5000A), and µPD30500BNote (VR5000B) are a high-performance, 64- bit RISC (Reduced Instruction Set Computer) type microprocessors employing the RISC architecture developed by MIPSTM Technologies Inc.
The instructions of the VR5000, VR5000A, and VR5000B are compatible with those of the VR3000TM Series and VR4000TM Series and higher, and completely compatible with those of the VR10000TM. Therefore, present applications can be used as they are.

FEATURES
• Employs 64-bit MIPS-based RISC architecture
• High-speed processing
    • 2-way super scalar 5-stage pipeline
    • 5.5 SPECint95, 5.5 SPECfp95, 278 MIPS (µPD30500)
      6.6 SPECint95, 6.6 SPECfp95, 353 MIPS (µPD30500A)
      8 SPECint95, 8 SPECfp95, 423 MIPS (µPD30500B)
• High-speed translation buffer mechanism (TLB) (48 entries)
• Address space Physical: 36 bits, Virtual: 40 bits
• Floating-point unit (FPU)
    • Sum-of-products operation instruction supported
• Primary cache memory (instruction/data: 32 Kbytes each)
• Secondary cache controller
• Maximum operating frequency Internal: 200 MHz (µPD30500), 250 MHz (µPD30500A), 300 MHz (µPD30500B)
                                                    External: 100 MHz
• Selectable external/internal multiple rate from twice to eight times
• Instruction set compatible with VR3000 and VR4000 Series and higher (conforms to MIPS I, II, III, and IV)
• Supply voltage: 3.3 V ±5% (µPD30500)
                            Core: 2.5 V ±5%, I/O: 3.3 V ±5% (µPD30500A)
                            Core: 1.8 V ±0.1 V, I/O: 3.3 V ±5% (µPD30500B)

APPLICATIONS
• High-performance embedded systems
• Multimedia systems
• Entry-class computers
• Image processing systems




Similar Part No. - UPD30500

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-300-NN1 NEC-UPD30550F2-300-NN1 Datasheet
949Kb / 27P
VR5500??64-/32-BIT MICROPROCESSOR
UPD30550F2-400-NN1 NEC-UPD30550F2-400-NN1 Datasheet
949Kb / 27P
VR5500??64-/32-BIT MICROPROCESSOR
More results


Similar Description - UPD30500

ManufacturerPart #DatasheetDescription
logo
NEC
UPD30121 NEC-UPD30121 Datasheet
436Kb / 76P
VR4121TM 64-/32-BIT MICROPROCESSOR
logo
Integrated Device Techn...
IDT79R4700 IDT-IDT79R4700 Datasheet
328Kb / 25P
64-Bit RISC Microprocessor
79RC5000 IDT-79RC5000 Datasheet
297Kb / 15P
MULTI-ISSUE 64-BIT MICROPROCESSOR
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Toshiba Semiconductor
TMPR4925XB TOSHIBA-TMPR4925XB Datasheet
151Kb / 32P
64-bit RISC MICROPROCESSOR
logo
Integrated Device Techn...
IDTRC5000 IDT-IDTRC5000 Datasheet
440Kb / 16P
MULTI-ISSUE 64-BIT MICROPROCESSOR
IDT79R4700 IDT-IDT79R4700_08 Datasheet
785Kb / 25P
64-Bit RISC Microprocessor
logo
Renesas Technology Corp
IDT79R4700 RENESAS-IDT79R4700 Datasheet
984Kb / 26P
64-Bit RISC Microprocessor
December 5, 2008
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com