Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30500 Datasheet(PDF) 8 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 8 Page - NEC

Back Button UPD30500 Datasheet HTML 4Page - NEC UPD30500 Datasheet HTML 5Page - NEC UPD30500 Datasheet HTML 6Page - NEC UPD30500 Datasheet HTML 7Page - NEC UPD30500 Datasheet HTML 8Page - NEC UPD30500 Datasheet HTML 9Page - NEC UPD30500 Datasheet HTML 10Page - NEC UPD30500 Datasheet HTML 11Page - NEC UPD30500 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
µPD30500, 30500A, 30500B
8
Data Sheet U12031EJ4V0DS00
PIN NAMES
BigEndian:
Endian Mode Select
ColdReset:
Cold Reset
ExtRqst:
External Request
GND:
Ground
GNDP:
Quiet GND for PLL
Int (0:5):
Interrupt Request
ModeClock:
Boot Mode Clock
Modeln:
Boot Mode Data In
NC:
No Connection
NMI:
Non-maskable Interrupt Request
RdRdy:
Read Ready
Release:
Release Interface
Reset:
Reset
ScCLR:
Secondary Cache Block Clear
ScCWE (0:1):
Secondary Cache Write Enable
ScDCE (0:1):
Data RAM Chip Enable
ScDOE:
Data RAM Output Enable
ScLine (0:15):
Secondary Cache Line Index
ScMatch:
Secondary Cache Tag Match
ScTCE:
Secondary Cache Tag RAM Chip Enable
ScTDE:
Secondary Cache Tag RAM Data Enable
ScTOE:
Secondary Cache Tag RAM Output Enable
ScValid:
Secondary Cache Valid
ScWord (0:1):
Secondary Cache Word Index
SysAD (0:63):
System Address/Data Bus
SysADC (0:7):
System Address/Data Check Bus
SysClock:
System Clock
SysCmd (0:8):
System Command/Data Identifier
SysCmdP:
System Command/Data Identifier Bus Parity
Validln:
Valid Input
ValidOut:
Valid Output
VDD:
Power Supply (
µPD30500)
VDD:
Power Supply for Processor Core (
µPD30500A, 30500B)
VDDIO:
Power Supply for Processor I/O (
µPD30500A, 30500B only)
VDDOk:
VDD is OK
VDDP:
Quiet VDD for PLL
WrRdy:
Write Ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com