Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30500 Datasheet(PDF) 19 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 19 Page - NEC

Back Button UPD30500 Datasheet HTML 15Page - NEC UPD30500 Datasheet HTML 16Page - NEC UPD30500 Datasheet HTML 17Page - NEC UPD30500 Datasheet HTML 18Page - NEC UPD30500 Datasheet HTML 19Page - NEC UPD30500 Datasheet HTML 20Page - NEC UPD30500 Datasheet HTML 21Page - NEC UPD30500 Datasheet HTML 22Page - NEC UPD30500 Datasheet HTML 23Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
µPD30500, 30500A, 30500B
19
Data Sheet U12031EJ4V0DS00
2.3
µPD30500B (Preliminary)
Absolute Maximum Ratings
Parameter
Symbol
Condition
Rating
Unit
Supply voltage
VDDIO
–0.5 to +4.0
V
VDD
–0.3 to +2.5
V
Input voltageNote
VI
–0.5 to VDDIO + 0.3
V
Pulse of less than 10 ns
–1.5 to VDDIO + 0.3
V
Operating case temperature
TC
0 to +85
°C
Storage temperature
Tstg
–40 to +125
°C
Note
The upper limit of the input voltage (VDDIO + 0.3) is +4.0 V.
Cautions 1.
Do not short circuit two or more outputs at the same time.
2.
The quality of the product may be degraded if the absolute maximum rating of even one of
the above parameters is exceeded, even momentarily. Absolute maximum ratings, therefore,
specify the values which if exceeded may physically damage the product. Use the product
never exceeding these ratings.
The specifications and conditions shown in the following DC Characteristics and AC
Characteristics are the range within which the product can normally operate and the quality
can be guaranteed.
DC Characteristics (TC = 0 to +85
°C, VDDIO = 3.3 V ±5%, VDD = 1.8 V ±0.1 V)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
High-level output voltage
VOH
VDDIO = MIN., IOH = –4 mA
2.4
V
Low-level output voltage
VOL
VDDIO = MIN., IOL = 4 mA
0.4
V
High-level input voltageNote 1
VIH
2.0
VDDIO + 0.3
V
Low-level input voltageNote 1
VIL
–0.5
+0.8
V
Pulse of less than 10 ns
–1.5
+0.8
V
High-level input voltageNote 2
VIHC
0.8
× VDDIO VDDIO + 0.3
V
Low-level input voltageNote 2
VILC
–0.5
0.2
× VDDIO
V
Pulse of less than 10 ns
–1.5
0.2
× VDDIO
V
Input leakage current
ILI
–5
+5
µA
Input/output leakage current
ILIO
–5
+5
µA
Notes 1. Not applied to the SysClock pin.
2. Applied to the SysClock pin only.
Power Application Sequence
Two kinds of power sources are provided with the VR5000B. The sequence of the power application order is not
fixed. However, make sure that either of the power supplies does not remain turned on for 1 second or more while
the other remains off.
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Power application delay
tDP
01
se



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com