Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30500 Datasheet(PDF) 21 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 21 Page - NEC

Back Button UPD30500 Datasheet HTML 17Page - NEC UPD30500 Datasheet HTML 18Page - NEC UPD30500 Datasheet HTML 19Page - NEC UPD30500 Datasheet HTML 20Page - NEC UPD30500 Datasheet HTML 21Page - NEC UPD30500 Datasheet HTML 22Page - NEC UPD30500 Datasheet HTML 23Page - NEC UPD30500 Datasheet HTML 24Page - NEC UPD30500 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
µPD30500, 30500A, 30500B
21
Data Sheet U12031EJ4V0DS00
System Interface Parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Data output hold time
tDM
Modebit (14 : 13) = 10
1.3
ns
Modebit (14 : 13) = 11
1.4
ns
Modebit (14 : 13) = 00
1.5
ns
Modebit (14 : 13) = 01
1.5
ns
Data output delay time
tDO
5.0
ns
Data input setup time
tDS
1.6
ns
Data input hold time
tDH
0.5
ns
Boot Mode Interface Parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Mode data setup time
tMDS
tCP
× 0.35
ns
Mode data hold time
tMDH
tCP
× 0.35
ns
Load Coefficient
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Load coefficient
CLD
1.5
ns/25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com