Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30500 Datasheet(PDF) 23 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 23 Page - NEC

Back Button UPD30500 Datasheet HTML 19Page - NEC UPD30500 Datasheet HTML 20Page - NEC UPD30500 Datasheet HTML 21Page - NEC UPD30500 Datasheet HTML 22Page - NEC UPD30500 Datasheet HTML 23Page - NEC UPD30500 Datasheet HTML 24Page - NEC UPD30500 Datasheet HTML 25Page - NEC UPD30500 Datasheet HTML 26Page - NEC UPD30500 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
µPD30500, 30500A, 30500B
23
Data Sheet U12031EJ4V0DS00
Clock jitter
tDO
tDH
tDH
Output
Output
Output
Output
Input
Input
tDO
tDM
tDM
tDS
tDS
SysClock
SysAD (0 : 63), SysADC (0 : 7),
SysCmd (0 : 8), SysCmdP,
ScLine (0 : 15), ScWord (0 : 1), ScTCE, ScValid
ValidIn, ExtRqst, RdRdy,
WrRdy, ScDOE, ScMatch,
Int (0 : 5), NMI
ValidOut, Release, ScCLR,
ScCWE (0 : 1), ScDCE (0 : 1),
ScTDE, ScTOE
System interface edge timing
tMOC
50%
ModeClock
Mode clock timing
tji
50%
tji
SysClock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com