Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30500 Datasheet(PDF) 18 Page - NEC

Part # UPD30500
Description  VR5000TM, VR5000ATM, VR5000BTM 64-BIT MICROPROCESSOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30500 Datasheet(HTML) 18 Page - NEC

Back Button UPD30500 Datasheet HTML 14Page - NEC UPD30500 Datasheet HTML 15Page - NEC UPD30500 Datasheet HTML 16Page - NEC UPD30500 Datasheet HTML 17Page - NEC UPD30500 Datasheet HTML 18Page - NEC UPD30500 Datasheet HTML 19Page - NEC UPD30500 Datasheet HTML 20Page - NEC UPD30500 Datasheet HTML 21Page - NEC UPD30500 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
µPD30500, 30500A, 30500B
18
Data Sheet U12031EJ4V0DS00
System Interface Parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Data output hold time
tDM
Modebit (14 : 13) = 10
1.3
ns
Modebit (14 : 13) = 11
1.4
ns
Modebit (14 : 13) = 00
1.5
ns
Modebit (14 : 13) = 01
1.5
ns
Data output delay time
tDO
PClock/SysClock division ratio =
5.0
ns
2, 3, 4, 5, 6, 7, 8,
PClock/SysClock division ratio = 2.5
7.0
ns
Data input setup time
tDS
1.6
ns
Data input hold time
tDH
0.5
ns
Boot Mode Interface Parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Mode data setup time
tMDS
tCP
× 0.35
ns
Mode data hold time
tMDH
tCP
× 0.35
ns
Load Coefficient
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Load coefficient
CLD
1.5
ns/25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com