Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 5 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 5 Page - NEC

  UPD30121 Datasheet HTML 1Page - NEC UPD30121 Datasheet HTML 2Page - NEC UPD30121 Datasheet HTML 3Page - NEC UPD30121 Datasheet HTML 4Page - NEC UPD30121 Datasheet HTML 5Page - NEC UPD30121 Datasheet HTML 6Page - NEC UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
Data Sheet U14691EJ1V0DS00
5
µµµµPD30121
PIN IDENTIFICATION
ADD (0:25):
Address Bus
LCDCS#:
LCD Chip Select
ADIN (0:2):
General Purpose Input for A/D
LCDRDY:
LCD Ready
AFERST#:
AFE Reset
LEDOUT#:
LED Output
AGND:
GND for A/D
MEMCS16#:
Memory Chip Select 16
AUDIOIN:
Audio Input
MEMR#:
Memory Read
AUDIOOUT:
Audio Output
MEMW#:
Memory Write
AVDD:VDD for A/D
MIPS16EN:
MIPS16 Enable
BATTINH:
Battery Inhibit
MPOWER:
Main Power
BATTINT#:
Battery Interrupt Request
MRAS(0:3)#:
DRAM Row Address Strobe
BUSCLK:
System Bus Clock
MUTE:
Mute
CGND:
GND for Oscillator
OFFHOOK:
Off Hook
CKE:
Clock Enable
OPD#:
Output Power Down
CLKSEL (0:2):
Clock Select
PIUGND:
GND for Touch Panel Interface
CLKX1:
Clock X1
PIUVDD:VDD for Touch Panel Interface
CLKX2:
Clock X2
POWER:
Power Switch
CTS#:
Clear to Send
POWERON:
Power On State
CVDD:VDD for Oscillator
RD#:
Read
DATA (0:31):
Data Bus
ROMCS(0:3)#:
ROM Chip Select
DBUS32:
Data Bus 32
RSTOUT:
System Bus Reset Output
DCD#:
Data Carrier Detect
RSTSW#:
Reset Switch
DCTS#:
Debug Serial Clear to Send
RTCRST#:
Real-time Clock Reset
DDIN:
Debug Serial Data Input
RTCX1:
Real-time Clock X1
DDOUT:
Debug Serial Data Output
RTCX2:
Real-time Clock X2
DGND:
GND for D/A
RTS#:
Request to Send
DRTS#:
Debug Serial Request to Send
RxD:
Receive Data
DSR#:
Data Set Ready
SCAS#:
DTR#:
Data Terminal Ready
Column Address Strobe for
SDRAM/SROM
DVDD:VDD for D/A
SCLK:
SDRAM/SROM Clock
FIRCLK:
FIR Clock
SDI:
HSP Serial Data Input
FIRDIN#:
FIR Data Input
SDO:
HSP Serial Data Output
FS:
Frame Synchronization
SEL:
IrDA Module Select
GND2, GND3:
Ground
SHB#:
System Hi-Byte Enable
GNDP, GNDPD:
Ground for PLL
SMODE (1:2):
SDRAM Mode
GPIO (0:49):
General Purpose I/O
SPOWER:
SDRAM Power Control
HC0:
Hardware Control 0
SRAS#:
HLDACK#:
Hold Acknowledge
Row Address Strobe for
SDRAM/SROM
HLDRQ#:
Hold Request
SYSDIR:
System Bus Buffer Direction
HSPMCLK:
HSP Codec Master Clock
TELCON:
Telephone Control
HSPSCLK:
HSP Codec Serial Clock
TPX (0:1):
Touch Panel X I/O
ILCSENSE:
Input Loop Current Sensing
TPY (0:1):
Touch Panel Y I/O
IOCHRDY:
I/O Channel Ready
TxD:
Transmit Data
IOCS16#:
I/O Chip Select 16
UCAS#:
Upper Column Address Strobe
IOR#:
I/O Read
ULCAS#:
Lower Byte of Upper Column
IOW#:
I/O Write
Address Strobe
IRDIN:
IrDA Data Input
UUCAS#:
Upper Byte of Upper Column
IRDOUT#:
IrDA Data Output
Address Strobe
IRING:
Input Ring
VDD2, VDD3:
Power Supply Voltage
KPORT (0:7):
Key Code Data Input
VDDP, VDDPD:
VDD for PLL
KSCAN (0:11):
Key Scan Line
WR#:
Write
LCAS#:
Lower Column Address Strobe
ZWS#:
Zero Wait State
Remark # indicates active low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com