Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 16 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 16 Page - NEC

Back Button UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC UPD30121 Datasheet HTML 16Page - NEC UPD30121 Datasheet HTML 17Page - NEC UPD30121 Datasheet HTML 18Page - NEC UPD30121 Datasheet HTML 19Page - NEC UPD30121 Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 76 page
background image
Data Sheet U14691EJ1V0DS00
16
µµµµPD30121
(15) Dedicated VDD and GND signals
Signal Name
Power-Supply System
Function
VDDP
2.5 V
Dedicated VDD for the PLL analog unit
GNDP
2.5 V
Dedicated GND for the PLL analog unit
VDDPD
2.5 V
Dedicated VDD for the PLL digital unit. Its function is identical to VDD2.
GNDPD
2.5 V
Dedicated GND for the PLL digital unit. Its function is identical to GND2.
CVDD
3.3 V
Dedicated VDD for the oscillator
CGND
3.3 V
Dedicated GND for the oscillator
DVDD
3.3 V
Dedicated VDD for the D/A converter. The voltage applied to this pin
becomes the maximum of the analog output of AUDIOOUT signal.
DGND
3.3 V
Dedicated GND for D/A converter. The voltage applied to this pin
becomes the minimum of the analog output of AUDIOOUT signal.
AVDD
3.3 V
Dedicated VDD for the A/D converter. The voltage applied to this pin
becomes the maximum voltage that can be detected by the A/D interface
signals (8 lines).
AGND
3.3 V
Dedicated GND for the A/D converter. The voltage applied to this pin
becomes the minimum voltage that can be detected by the A/D interface
signals (8 lines).
PIUVDD
3.3 V
Dedicated VDD for touch-sensitive panel interface
PIUGND
3.3 V
Dedicated GND for touch-sensitive panel interface
VDD2
2.5 V
Normal 2.5-V system VDD
GND2
2.5 V
Normal 2.5-V system GND
VDD3
3.3 V
Normal 3.3-V system VDD
GND3
3.3 V
Normal 3.3-V system GND
Caution
The VR4121 has two types of power supplies. There are no restrictions as to the sequence in which
these power supplies are applied. However, do not apply one type of power for more than one
second while the other power supply is not applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com