Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 8 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 8 Page - NEC

Back Button UPD30121 Datasheet HTML 4Page - NEC UPD30121 Datasheet HTML 5Page - NEC UPD30121 Datasheet HTML 6Page - NEC UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC UPD30121 Datasheet HTML 10Page - NEC UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
Data Sheet U14691EJ1V0DS00
8
µµµµPD30121
1. PIN FUNCTIONS
Remark # indicates active low.
1.1 Pin Functions
(1)
System bus interface signals
(1/3)
Signal
I/O
Function
ADD25/SCLK
O
This function differs depending on how the SMODE (1:2) signal is set.
<When SMODE (1:2) signal = 00>
This is a 25-bit address bus.
<When SMODE (1:2) signal
≠ 00>
This is the operating clock for SDRAM and SROM.
ADD (0:24)
O
This is a 25-bit address bus.
The VR4121 uses this to specify addresses for the SDRAM, SROM,
DRAM, ROM, LCD, or system bus (ISA).
DATA (0:15)
I/O
This is a 16-bit data bus. The VR4121 uses this to transmit and receive data with a SDRAM, SROM,
DRAM, ROM, LCD, or system bus.
DATA (16:31)/
GPIO (16:31)
I/O
This function differs depending on how the DBUS32 signal is set.
<When DBUS32 signal = 1>
This is the high-order 16 bits of the 32-bit data bus.
This bus is used for transmitting and receiving data between the VR4121 and the DRAM and ROM.
<When DBUS32 signal = 0>
This is a general-purpose I/O port.
LCDCS#
O
This is the LCD chip select signal. This signal is active when the VR4121 is performing LCD access and
high-speed system bus access using the ADD/DATA bus.
RD#
O
This is active when the VR4121 is reading data from the LCD, SDRAM, SROM, DRAM, or ROM.
WR#
O
This is active when the VR4121 is writing data to the LCD, SDRAM, or DRAM.
LCDRDY
I
This is the LCD ready signal. Set this signal as active when the LCD controller is ready to receive
access from the VR4121.
ROMCS (2:3)#
O
The function differs with the setting of the DBUS32 signal.
<When DBUS32 signal = 1>
This becomes the chip select signal for the extended ROM, SROM, DRAM, or SDRAM.
<When DBUS32 signal = 0>
This is the ROM or SROM chip select signal.
ROMCS (0:1)#
O
This is the ROM or SROM chip select signal.
CKE
O
This is the SDRAM or SROM clock enable signal. When using neither SDRAM nor SROM, connect to
GND or leave open.
UUCAS#/
MRAS3#
O
This function differs depending on how the DBUS32 signal is set or types of memory to be accessed.
<When DBUS32 signal = 1>
When accessing DRAM (EDO type): This signal is active (UUCAS#) when a valid column address is
output via the ADD bus during access of DATA (24:31) in the 32-bit data bus.
When accessing SDRAM: This is the I/O buffer control signal (UUDQM#) that is used during access
of DATA (24:31) signal in the 32 bit data bus.
During 32-bit access of LCD/high-speed system memory: Byte enable signal that is used during
access of DATA (24:31) signal.
<When DBUS32 signal = 0>
When accessing DRAM (EDO type): This is the DRAM's RAS signal (MRAS3#). This signal is
active when a valid row address is output via the ADD bus for the DRAM connected to the high-order
address.
When accessing SDRAM: This is the SDRAM's chip select signal (CS3#). This signal is active when
a command is issued for the SDRAM connected to the high-order address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com