Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 49 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 49 Page - NEC

Back Button UPD30121 Datasheet HTML 45Page - NEC UPD30121 Datasheet HTML 46Page - NEC UPD30121 Datasheet HTML 47Page - NEC UPD30121 Datasheet HTML 48Page - NEC UPD30121 Datasheet HTML 49Page - NEC UPD30121 Datasheet HTML 50Page - NEC UPD30121 Datasheet HTML 51Page - NEC UPD30121 Datasheet HTML 52Page - NEC UPD30121 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Data Sheet U14691EJ1V0DS00
49
µµµµPD30121
(10) Flash memory mode write parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
Write cycle time
tAVAV
150
ns
Address setup time (to WR#
↑)tAVWH
75
ns
Address setup time (to ROMCS (0:3)#
↓)tAVEL
0ns
ROMCS (0:3)# setup time (to WR#
↓)tELWL
10
ns
WR# low-level width
tWLWH
75
ns
ROMCS (0:3)# hold time (from WR#
↑)tWHEH
10
ns
Address hold time (from WR#
↑)tWHAX
10
ns
WR# high-level width
tWHWL
75
ns
Address setup time (to WR#
↓)tAVWL
25
ns
Data output setup time (to WR#
↑)tDVWH
75
ns
Data output hold time (from WR#
↑)tWHDX
10
ns
ROMCS (0:3)#
(output)
WR#
(output)
Invalid
ADD (19:23),
ADD (0:8)
(output)
ADD (9:18)
(output)
tAVEL
tAVWL
tWHWL
tWLWH
tAVWH
tAVAV
tDVWH
tWHDX
tELWL
tWHEH
tWHAX
DATA
(I/O)
Note
Note In 32-bit mode: Applied to DATA (16:31)/GPIO (16:31) and DATA (0:15) pins
In 16-bit mode: Applied to DATA (0:15) pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com