Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 23 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 23 Page - NEC

Back Button UPD30121 Datasheet HTML 19Page - NEC UPD30121 Datasheet HTML 20Page - NEC UPD30121 Datasheet HTML 21Page - NEC UPD30121 Datasheet HTML 22Page - NEC UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC UPD30121 Datasheet HTML 25Page - NEC UPD30121 Datasheet HTML 26Page - NEC UPD30121 Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
Data Sheet U14691EJ1V0DS00
23
µµµµPD30121
(3/3)
Pin Name
Internal
Processing
External
Processing
Drive
Capability
I/O Circuit
Type
Recommended
Connection of
Unused Pin
KPORT (0:7)
Schmitt input,
Pull down
−−
B
Leave open
KSCAN (0:11)/
GPIO (32:43)
−−
40 pF
A
Leave open
AUDIOOUT
−
Note 1
−
F
Leave open
TPX (0:1)
−−
120 pF or more
C
Leave open
TPY1
−−
120 pF or more
D
Leave open
TPY0
−−
120 pF or more
C
Leave open
ADIN (0:2)
−−
−
E
Leave open
AUDIOIN
−−
−
E
Leave open
GPIO (0:3)
Schmitt input, Note 2
Note 2
40 pF
B
Connect to VDD or
GND via resistor
SRAS#/GPIO4
Schmitt input, Note 2
Note 2
40 pF
B
Connect to VDD or GND
SCAS#/GPIO5
Schmitt input, Note 2
Note 2
40 pF
B
Connect to VDD or GND
SYSDIR/GPIO6
Schmitt input, Note 2
Note 2
40 pF
B
Leave open
SPOWER/GPIO7
Schmitt input, Note 2
Note 2
40 pF
B
Connect to VDD or GND
GPIO (8:14)
Schmitt input, Note 2
Note 2
40 pF
B
Connect to VDD or
GND via resistor
IRING
Schmitt input
Pull down
−
B
Connect to GND
ILCSENSE
−
Pull down
−
A
Connect to GND
OFFHOOK
−−
40 pF
A
Leave open
MUTE
−−
40 pF
A
Leave open
AFERST#
−−
40 pF
A
Leave open
SDI
−
Pull up/Pull down
−
A
Connect to GND
FS
−
Pull up/Pull down
−
A
Connect to GND
SDO
−−
40 pF
A
Leave open
HSPSCLK
−
Note 3
−
A
Connect to GND
TELCON
−−
40 pF
A
Leave open
HC0
−−
40 pF
A
Leave open
HSPMCLK
−−
40 pF
A
Leave open
OPD#
−−
40 pF
A
Leave open
LEDOUT#
−−
40 pF
A
Leave open
DBUS32/GPIO48
−
Pull up/Pull down
40 pF
A
−
MIPS16EN
−
Pull up/Pull down
40 pF
A
−
SMODE1/GPIO49
−
Pull up/Pull down
−
A
−
SMODE2
−
Pull up/Pull down
−
A
−
Notes 1.
Connect an operation amplifier which has high-impedance input characteristics, since the output level
of AUDIOOUT pin varies according to the external impedance.
2.
If internal pull-up or pull-down resistors are used in GPIO (0:3), SRAS#/GPIO4, SCAS#/GPIO5,
SYSDIR/GPIO6, SPOWER/GPIO7, GPIO (8:14) pins switch between pull up, pull down, and open by
software.
If an internal pull-up or pull-down resistor is not used, then provide an external pull-up or pull-down
resistor.
3.
Input a synchronous clock from CODEC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com