Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 13 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 13 Page - NEC

Back Button UPD30121 Datasheet HTML 9Page - NEC UPD30121 Datasheet HTML 10Page - NEC UPD30121 Datasheet HTML 11Page - NEC UPD30121 Datasheet HTML 12Page - NEC UPD30121 Datasheet HTML 13Page - NEC UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC UPD30121 Datasheet HTML 16Page - NEC UPD30121 Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 76 page
background image
Data Sheet U14691EJ1V0DS00
13
µµµµPD30121
(6)
IrDA interface signals
Signal
I/O
Function
IRDIN
I
This is an IrDA serial data input signal. It is used when the VR4121 sends serial data to the IrDA
controller, for both FIR and SIR. If the IrDA controller used is an HP product, however, this signal should
be used for only SIR.
FIRDIN#/SEL
I/O
This function differs according to the IrDA controller used.
<HP’s controller>
FIRDIN#: It is an FIR receive data input signal.
<TEMIC’s controller>
SEL: It is an output port for external FIR/SIR switching.
<SHARP’s controller>
Use is prohibited.
IRDOUT#
O
This is the IrDA serial data output signal. It is used when the IrDA controller sends serial data from the
VR4121.
(7)
Debug serial interface signals
Signal
I/O
Function
DDOUT/
GPIO44
O
This is the debug serial data output signal. It is used when the VR4121 sends serial data to an external
debug serial controller.
When this pin is not used for the DDOUT signal, it can be used as a general-purpose output port.
DDIN/
GPIO45
I/O
This is the debug serial data input signal. It is used when an external debug serial data controller sends
serial data to the VR4121.
When this pin is not used for the DDIN signal, it can be used as a general-purpose output port.
DRTS#/
GPIO46
O
This is a transmission request signal. The VR4121 asserts this signal before sending serial data.
When this pin is not used for the DRTS# signal, it can be used as a general-purpose output port.
DCTS#/
GPIO47
I/O
This is a transmit acknowledge signal. The VR4121 asserts this signal when it is ready to receive
transmitted serial data.
When this pin is not used for the DCTS# signal, it can be used as a general-purpose output port.
(8)
Keyboard interface signals
Signal
I/O
Function
KPORT (0:7)
I
This is a keyboard scan data input signal. It is used to scan for pressed keys on the keyboard.
KSCAN (0:11)/
GPIO (32:43)
O
These signal are used as keyboard scan data output signals and a general-purpose output port. The scan
line is set as active when scanning for pressed keys on the keyboard.
Signals that are not used for KSCAN signals can be used as a general-purpose output port.
(9)
Audio interface signals
Signal
I/O
Function
AUDIOIN
I
This pin is the audio input signal.
AUDIOOUT
O
This is an audio output signal. Analog signals that have been converted via the on-chip 10-bit D/A
converter are output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com