Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 20 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 20 Page - NEC

Back Button UPD30121 Datasheet HTML 16Page - NEC UPD30121 Datasheet HTML 17Page - NEC UPD30121 Datasheet HTML 18Page - NEC UPD30121 Datasheet HTML 19Page - NEC UPD30121 Datasheet HTML 20Page - NEC UPD30121 Datasheet HTML 21Page - NEC UPD30121 Datasheet HTML 22Page - NEC UPD30121 Datasheet HTML 23Page - NEC UPD30121 Datasheet HTML 24Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
Data Sheet U14691EJ1V0DS00
20
µµµµPD30121
(4/4)
Pin Name
After Reset by
the RTC Reset
After Reset by the
Deadman’s Switch
or RSTSW# Signal
In the Suspend
Mode
In the Hibernate
Mode or Shut Down
by the HAL Timer
During a Bus
Hold
IRING
−−
−
−
−
ILCSENSE
−−
−
−
−
OFFHOOK
Note 1
Hi-Z
Hi-Z
Note 2
Hi-Z
Note 2
MUTE
Note 1
Hi-Z
Hi-Z
Note 2
Hi-Z
Note 2
AFERST#
Note 1
00
Note 2
0
Note 2
SDI
−−
−
−
−
FS
−−
−
−
−
SDO
0
0
Note 2
0
Note 2
HSPSCLK
−−
−
−
−
TELCON
Note 1
Hi-Z
Hi-Z
Note 2
Hi-Z
Note 2
HC0
Note 1
00
Note 2
0
Note 2
HSPMCLK
Note 1
00
Note 2
0
Note 2
OPD#
0
0
Note 2
0
Note 2
LEDOUT#
1
Note 3
Note 3
Note 3
Note 3
DBUS32/
GPIO48
Note 4
Hi-Z/
Hi-Z
Hi-Z/
Note 2
Note 2/
Note 2
Hi-Z/
Note 2
Note 2/
Note 2
MIPS16EN
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Hi-Z
SMODE1/
GPIO49
Note 4
Hi-Z/
Hi-Z
Note 5
Hi-Z/
Note 2
Note 2/
Note 2
Hi-Z/
Note 2
Note 2/
Note 2
SMODE2
−−
−
−
−
Notes 1. When initializing, always set BSC bit to 1 in the HSPINT register (0x0C00 0020).
2. The state of the previous Full-speed Mode is maintained.
3. Normal operation proceeds.
4. After the RTC reset is released, this functions as an output port.
5. Specify the input data level using a high-resistance pull up or pull down resistor.
Remark 0: low level, 1: high level, Hi-Z: high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com