Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 69 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 69 Page - NEC

Back Button UPD30121 Datasheet HTML 65Page - NEC UPD30121 Datasheet HTML 66Page - NEC UPD30121 Datasheet HTML 67Page - NEC UPD30121 Datasheet HTML 68Page - NEC UPD30121 Datasheet HTML 69Page - NEC UPD30121 Datasheet HTML 70Page - NEC UPD30121 Datasheet HTML 71Page - NEC UPD30121 Datasheet HTML 72Page - NEC UPD30121 Datasheet HTML 73Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 76 page
background image
Data Sheet U14691EJ1V0DS00
69
µµµµPD30121
(22) SDRAM interface parameter
Parameter
Symbol
Condition
MIN.
MAX.
Unit
SCLK clock cycle
tSCLK
13.7
ns
SCLK high-level width
tSCLKH
3.5
ns
SCLK low-level width
tSCLKL
3.5
ns
Data output delay time (from SCLK
↑ )tDSM
1.1
10.7
ns
Address output delay time (from SCLK
↓ )tDSA
−5.8
17.6
ns
WR# output delay time (from SCLK
↑ )tDSW
1.1
24.5
ns
Data input setup time
tSDS
Note
6.2
ns
Data input hold time
tSDH
Note
2.9
ns
Note
DATA (0:15) pins and DATA (16:31)/GPIO (16:31) pins in 32-bit mode
ADD (9:24), SCAS#,
SRAS# (output)
WR# (output)
DATA
Note 2 (input)
SCLK (output)
Note 1
tSCLKH
tDSM
tDSW
tSDS
tSDH
tDSA
tSCLKL
tSCLK
Notes 1. MRAS (0:1)#, ROMCS (2:3)#, UUCAS#/MRAS3#, ULCAS#/MRAS2#, UCAS#, LCAS#, CKE, and
DATA (0:15) pins, and DATA (16:31)/GPIO (16:31) pins in 32-bit mode
2. DATA (0:15) pins, and DATA (16:31)/GPIO (16:31) pins in 32-bit mode
Remark The broken lines indicate high impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com