Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 47 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 47 Page - NEC

Back Button UPD30121 Datasheet HTML 43Page - NEC UPD30121 Datasheet HTML 44Page - NEC UPD30121 Datasheet HTML 45Page - NEC UPD30121 Datasheet HTML 46Page - NEC UPD30121 Datasheet HTML 47Page - NEC UPD30121 Datasheet HTML 48Page - NEC UPD30121 Datasheet HTML 49Page - NEC UPD30121 Datasheet HTML 50Page - NEC UPD30121 Datasheet HTML 51Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Data Sheet U14691EJ1V0DS00
47
µµµµPD30121
(9)
Page ROM parameter (1/2)
Parameter
Symbol
Condition
MIN.
MAX.
Unit
tACC1
T
× N − 19
ns
Data access time (from address)
Note
tACC2
T
× M − 18
ns
Data access time (from ROMCS (0:3)#
↓)Note
tCE
T
× N − 19
ns
Data access time (from RD#
↓)Note
tOE
T
× (N − 1) − 29
ns
Data input setup time
tDS
0ns
Data input hold time
tDH
5ns
Note
The value of N is set by using the WROMA (0:2) bits of the BCUSPEEDREG register.
The value of M is set by using the WPROM (0:1) bits of the BCUSPEEDREG register.
The value of T is set by using the CLKSEL (0:2) signals (TxD/CLKSEL2, RTS#/CLKSEL1, and
DTR#/CLKSEL0 pins).
CLKSEL 2
Signal
CLKSEL 1
Signal
CLKSEL 0
Signal
T (ns)
WROMA 2
Bit
WROMA 1
Bit
WROMA 0
Bit
N
(TClock)
WPROM
1 Bit
WPROM
0 Bit
M
(TClock)
11
1
RFU
00
0
9
00
3
11
0
35
0
0
1
8
0
1
2
10
1
33
0
1
0
7
1
0
1
10
0
30
0
1
1
6
1
1
01
1
33
1
0
0
5
01
0
30
1
0
1
4
00
1
33
1
1
0
3
00
0
38
1
1
1
2
Remarks 1. Do not set CLKSEL (2:0)
signal = 111.
2. Do not set CLKSEL (2:0)
signal = 110, 101 with
131 MHz model.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com