Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 1 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 1 Page - NEC

  UPD30121 Datasheet HTML 1Page - NEC UPD30121 Datasheet HTML 2Page - NEC UPD30121 Datasheet HTML 3Page - NEC UPD30121 Datasheet HTML 4Page - NEC UPD30121 Datasheet HTML 5Page - NEC UPD30121 Datasheet HTML 6Page - NEC UPD30121 Datasheet HTML 7Page - NEC UPD30121 Datasheet HTML 8Page - NEC UPD30121 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
MOS INTEGRATED CIRCUIT
µµµµPD30121
VR4121
TM
64-/32-BIT MICROPROCESSOR
Document No. U14691EJ1V0DS00 (1st edition)
Date Published June 2000 N CP(K)
Printed in Japan
DATA SHEET
2000
©
DESCRIPTION
The
µPD30121 (VR4121) is one of NEC’s VR SeriesTM RISC (Reduced Instruction Set Computer) microprocessors
and is a high-performance 64-/32-bit microprocessor employing the MIPS
TM RISC architecture.
The VR4121 uses the high-performance, super power-saving VR4120
TM as the CPU core, and has many peripheral
functions such as a DMA controller, software modem interface, serial interface, keyboard interface, IrDA interface,
touch panel interface, real-time clock, A/D converter, and D/A converter.
Configured with these functions, the
VR4121 is suitable for high-speed battery-driven portable information systems. The external memory bus width can
be selected from 32 bits and 16 bits, realizing high-speed data transfer.
Detailed function descriptions are provided in the following user’s manual.
Be sure to read it before
designing.
• VR4121 User’s Manual (U13569E)
FEATURES
• Employs 64-bit MIPS architecture
• Conforms to MIPS III instruction set (deleting FPU,
LL, LLD, SC, and SCD instructions)
• Memory controller (ROM, EDO-type DRAM,
synchronous DRAM (SDRAM), synchronous ROM
(SROM), and flash memory supported)
• Optimized 6-stage pipeline
• Keyboard interface and touch panel interface
• Supports MIPS16 instruction set
• 4-channel DMA controller
• Supports high-speed product-sum operation
instructions
• Serial interface (NS16550 compatible)
• IrDA interface for infrared communication
• Supports four types of operating modes, enabling
more effective power-consumption management
• Software modem interface
• A/D and D/A converters to support digital voice I/O
• Supports ISA bus subset
• Internal maximum operating frequency: 131/168 MHz
• On-chip clock generator
• Address space physical: 32 bits
virtual:
40 bits
Integrates 32 double entry TLBs
• Power supply voltage: VDD2 = 2.5 V (internal), VDD3 =
3.3 V (external) (131 MHz model)
• Package: 224-pin fine-pitch FBGA
• High-capacity instruction/data separated cache
memories
Instruction:
16 Kbytes
Data:
8 Kbytes
APPLICATIONS
• Battery-driven portable information systems
• Embedded controllers, etc.
ORDERING INFORMATION
Part Number
Package
Internal Maximum Operating Frequency
µPD30121F1-131-GA1
224-pin plastic FBGA (16
× 16)
131 MHz
µPD30121F1-168-GA1
224-pin plastic FBGA (16
× 16)
168 MHz


Similar Part No. - UPD30121

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD30101 RENESAS-UPD30101 Datasheet
3Mb / 100P
MOS INTEGRATED CIRCUIT
1997
UPD30101GM-33-8ED RENESAS-UPD30101GM-33-8ED Datasheet
3Mb / 100P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
logo
Renesas Technology Corp
UPD30102 RENESAS-UPD30102 Datasheet
722Kb / 114P
MOS INTEGRATED CIRCUIT
1997
logo
NEC
UPD30102GM-54-8EV NEC-UPD30102GM-54-8EV Datasheet
2Mb / 701P
64/32-bit Microprocessor
More results

Similar Description - UPD30121

ManufacturerPart #DatasheetDescription
logo
NEC
UPD705101 NEC-UPD705101 Datasheet
302Kb / 72P
32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A PMC-RM5231A Datasheet
54Kb / 4P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
Maxwell Technologies
80386DX MAXWELL-80386DX Datasheet
244Kb / 17P
32-Bit Microprocessor
logo
NEC
UPD30181 NEC-UPD30181 Datasheet
1Mb / 444P
64-/32-Bit Microprocessor
UPD30181A NEC-UPD30181A Datasheet
573Kb / 72P
64-/32-BIT MICROPROCESSOR
UPD30102 NEC-UPD30102 Datasheet
2Mb / 701P
64/32-bit Microprocessor
UPD30550 NEC-UPD30550 Datasheet
949Kb / 27P
VR5500??64-/32-BIT MICROPROCESSOR
logo
PMC-Sierra, Inc
RM5231A-1 PMC-RM5231A-1 Datasheet
39Kb / 2P
64-Bit MIPS RISC Microprocessor with 32/64-Bit System Bus
logo
List of Unclassifed Man...
NUC502 ETC2-NUC502 Datasheet
5Mb / 266P
32-bit Microprocessor
logo
Nuvoton Technology Corp...
N9H20 NUVOTON-N9H20 Datasheet
1Mb / 60P
32-bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com