Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30121 Datasheet(PDF) 18 Page - NEC

Part # UPD30121
Description  VR4121TM 64-/32-BIT MICROPROCESSOR
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD30121 Datasheet(HTML) 18 Page - NEC

Back Button UPD30121 Datasheet HTML 14Page - NEC UPD30121 Datasheet HTML 15Page - NEC UPD30121 Datasheet HTML 16Page - NEC UPD30121 Datasheet HTML 17Page - NEC UPD30121 Datasheet HTML 18Page - NEC UPD30121 Datasheet HTML 19Page - NEC UPD30121 Datasheet HTML 20Page - NEC UPD30121 Datasheet HTML 21Page - NEC UPD30121 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
Data Sheet U14691EJ1V0DS00
18
µµµµPD30121
(2/4)
Pin Name
After Reset by
the RTC Reset
After Reset by the
Deadman’s Switch
or RSTSW# Signal
In the Suspend
Mode
In the Hibernate
Mode or Shut Down
by the HAL Timer
During a Bus
Hold
SHB#
Hi-Z
1
1
Hi-Z
Hi-Z
IOR#
Hi-Z
1
1
Hi-Z
Hi-Z
IOW#
Hi-Z
1
1
Hi-Z
Hi-Z
MEMR#
Hi-Z
1
1
Hi-Z
Hi-Z
MEMW#
Hi-Z
1
1
Hi-Z
Hi-Z
ZWS#
−−
−
−
−
RSTOUT
Hi-Z
1
0
Hi-Z
Note 1
IOCS16#
−−
−
−
−
MEMCS16#
−−
−
−
−
IOCHRDY
−−
−
−
−
HLDRQ#
−−
−
−
−
HLDACK#
Hi-Z
1
Note 1
Hi-Z
Note 1
CKE
0
Note 2
Note 3
Note 3
Hi-Z
RTCX1
−−
−
−
−
RTCX2
−−
−
−
−
CLKX1
−−
−
−
−
CLKX2
−−
−
−
−
FIRCLK
−−
−
−
−
BATTINH/
BATTINT#
−−
−
−
−
MPOWER
0
1
1
0
1
POWERON
0
0
0
0
0
POWER
−−
−
−
−
RSTSW#
−−
−
−
−
RTCRST#
−−
−
−
−
RxD
−−
−
−
−
TxD/CLKSEL2
Hi-Z
Note 4
11
1
Note 1
RTS#/CLKSEL1
Hi-Z
Note 4
11
1
Note 1
CTS#
−−
−
−
−
DCD#/GPIO15
−−
−
−
−
DTR#/CLKSEL0
Hi-Z
Note 4
11
1
Note 1
DSR#
−−
−
−
−
IRDIN
−−
−
−
−
IRDOUT#
0
0
0
0
Note 1
FIRDIN#/SEL
Hi-Z
Hi-Z
Note 3
Hi-Z
Note 3
Notes 1.
Normal operation proceeds.
2.
This differs depending on the setting of the SCLK bit in the SDRAMMODEREG register.
When SCLK bit has a value of "1": outputs clock.
When SCLK bit has a value of "0": low level is output.
3.
Maintains the state of the previous Full-speed Mode.
4.
Specify the input data level using a high-resistance pull up or pull down resistor.
Remark 0: low level, 1: high level, Hi-Z: high impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com