Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7141-2B Datasheet (PDF) - NEC

PS7141-2B Datasheet PDF - NEC
Part # PS7141-2B
Download  PS7141-2B Download
File Size   56.41 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET

PS7141-2B Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7141-2B Datasheet PDF - NEC

Part # PS7141-2B
Download  PS7141-2B Click to download

File Size   56.41 Kbytes
Page   7 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET

PS7141-2B Datasheet (HTML) - NEC


PS7141-2B Product details

DESCRIPTION
The PS7141-1B,-2B and PS7141L-1B,-2B are solid state relays containing GaAs LEDs on the light emitting side (input side) and normally closed (N.C.) contact MOS FETs on the output side. They are suitable for analog signal control be cause of their low offset and high linearity.

FEATURES
• 1 CHANNEL TYPE:
   (1b output)
• 2 CHANNEL TYPE:
   (1b + 1b output)
• DESIGNED FOR AC/DC SWITCHING LINE CHANGER
• SMALL PACKAGE:
   6 and 8 pin DIP
• LOW OFFSET VOLTAGE
• LOW LED OPERATING CURRENT:
   IF = 2 mA
• SURFACE MOUNT TYPE LEAD: PS7141L-1B,-2B

APPLICATIONS
• EXCHANGE EQUIPMENT
• MEASUREMENT EQUIPMENT
• FA/OA EQUIPMENT




Similar Part No. - PS7141-2B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7141-2B CEL-PS7141-2B Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7141-2B RENESAS-PS7141-2B Datasheet
271Kb / 16P
Solid State Relay OCMOS FET
2006
logo
California Eastern Labs
PS7141-2B-A CEL-PS7141-2B-A Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Similar Description - PS7141-2B

ManufacturerPart #DatasheetDescription
logo
NEC
PS7241-1C NEC-PS7241-1C Datasheet
65Kb / 7P
8 PIN SOP 400 V BREAKDOWN VOLTAGE TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
PS7141-2A NEC-PS7141-2A Datasheet
46Kb / 6P
8 PIN DIP 400 V BREAKDOWN VOLTAGE 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7142-1B CEL-PS7142-1B Datasheet
389Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7142-1C CEL-PS7142-1C Datasheet
54Kb / 7P
8 PIN DIP 400 V BREAKDOWN VOLTAGE, TRANSFER TYPE 2-CH OPTICAL COUPLED MOSFET
PS7141-1B CEL-PS7141-1B Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
logo
NEC
PS7122A-1B NEC-PS7122A-1B Datasheet
76Kb / 7P
6, 8 PIN DIP 250 V BREAK DOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7522-1A CEL-PS7522-1A Datasheet
67Kb / 7P
6, 8 PIN DIP SLOW SWITCHING TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS71221 CEL-PS71221 Datasheet
72Kb / 7P
6 AND 8 PIN DIP, 200 V BREAK DOWN VOLTAGE 1-CH, 2-CH OPTICAL COUPLED MOSFET
PS71421B CEL-PS71421B Datasheet
391Kb / 15P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7122A-1B CEL-PS7122A-1B Datasheet
381Kb / 15P
6, 8-PIN DIP, 250 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com