Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7141-2B Datasheet (PDF) - Renesas Technology Corp

PS7141-2B Datasheet PDF - Renesas Technology Corp
Part # PS7141-2B
Download  PS7141-2B Download
File Size   271.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Solid State Relay OCMOS FET

PS7141-2B Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7141-2B Datasheet PDF - Renesas Technology Corp

Part # PS7141-2B
Download  PS7141-2B Click to download

File Size   271.84 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Solid State Relay OCMOS FET

PS7141-2B Datasheet (HTML) - Renesas Technology Corp


PS7141-2B Product details

6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE
NORMALLY CLOSE TYPE
1-ch, 2-ch Optical Coupled MOS FET

FEATURES
• 1 channel type (1 b output) or 2 channel type (1 b + 1 b output)
• Low LED operating current (IF = 2 mA)
• Designed for AC/DC switching line changer
• Small package (6, 8-pin DIP)
• Low offset voltage
• Ordering number of taping product : PS7141L-1B-E3, E4: 1 000 pcs/reel
: PS7141L-2B-E3, E4: 1 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: File No. E72422
• BSI approved: No. 8245/8246
• CSA approved: No. CA 101391




Similar Part No. - PS7141-2B

ManufacturerPart #DatasheetDescription
logo
NEC
PS7141-2B NEC-PS7141-2B Datasheet
56Kb / 7P
6 AND 8 PIN DIP 400 V BREAKDOWN VOLTAGE NORMALLY CLOSED TYPE 1-CH, 2-CH OPTICAL COUPLED MOSFET
logo
California Eastern Labs
PS7141-2B CEL-PS7141-2B Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
PS7141-2B-A CEL-PS7141-2B-A Datasheet
384Kb / 11P
6, 8-PIN DIP, 400 V BREAK DOWN VOLTAGE, NORMALLY CLOSE TYPE 1-ch, 2-ch Optical Coupled MOS FET
More results


Similar Description - PS7141-2B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7241-1C CEL-PS7241-1C Datasheet
198Kb / 13P
Solid State Relay OCMOS FET
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
Solid State Relay OCMOS FET
PS7205B-1A CEL-PS7205B-1A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7200K-1A CEL-PS7200K-1A Datasheet
202Kb / 13P
Solid State Relay OCMOS FET
PS7141E-2A CEL-PS7141E-2A Datasheet
198Kb / 13P
Solid State Relay OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
Solid State Relay OCMOS FET
PS7122A-1C CEL-PS7122A-1C Datasheet
201Kb / 14P
Solid State Relay OCMOS FET
PS7122A-1A CEL-PS7122A-1A Datasheet
209Kb / 14P
Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
Solid State Relay OCMOS FET
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com