Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9408P Datasheet (PDF) - Summit Microelectronics, Inc.

S9408P Datasheet PDF - Summit Microelectronics, Inc.
Part # S9408P
Download  S9408P Download
File Size   51.82 Kbytes
Page   10 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Serial Input, Quad 8-Bit Nonvolatile DACPOT

S9408P Datasheet (PDF)

Go To PDF Page Download Datasheet
S9408P Datasheet PDF - Summit Microelectronics, Inc.

Part # S9408P
Download  S9408P Click to download

File Size   51.82 Kbytes
Page   10 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Serial Input, Quad 8-Bit Nonvolatile DACPOT

S9408P Datasheet (HTML) - Summit Microelectronics, Inc.


S9408P Product details

OVERVIEW
The S9408 DACPOT™ is a serial input, voltage output, quad 8-bit digital to analog converter. The S9408 operates from a single +2.7V to +5.5V supply. Internal precision buffers swing rail-to-rail and the reference input range includes both ground and the positive supply.
The S9408 integrates four 8-bit DACs and their associated circuits which include an enhanced unity-gain operational amplifier output, an 8-bit data latch, an 8-bit non volatile register, and an industry-standard serial interface for reading and writing data to the DACs’ data latches and registers. The DACs are independently programmable and each has its own electrically isolated Vreference inputs.

FEATURES
• Four 8-Bit DACS
   – Differential Non-linearity - ±0.5LSB max
   – Integral Non-Linearity - ±1LSB max
• Each DAC has Independent Reference Inputs
   – Output Buffer Amplifiers Swing Rail-to-Rail
   – Ground to VDD Reference Input Range
• Each DAC’s Digital Input Data Maintained in
   Nonvolatile EEPROM
• Power-On Reset Reloads Registers with
   Nonvolatile Data
• Simple Serial Interface for Reading and Writing
   DAC values, SPI™ and QSPI™ compatible.
• Fully operational from 2.7V to 5.5V
• Low Power: <1mW @ 2.7V




Similar Part No. - S9408P

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
S94050B KEYSIGHT-S94050B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
S94051B KEYSIGHT-S94051B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
logo
Glenair, Inc.
S9407-AB-HBK-010 GLENAIR-S9407-AB-HBK-010 Datasheet
2Mb / 276P
HANDBOOK OF SHIPBOARD ELECTROMAGNETIC SHIELDING PRACTICES
More results


Similar Description - S9408P

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Analog Devices
AD7398 AD-AD7398 Datasheet
273Kb / 16P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV.0
logo
Catalyst Semiconductor
CAT504 CATALYST-CAT504 Datasheet
141Kb / 12P
8-Bit Quad DACpot
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Summit Microelectronics...
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
Maxim Integrated Produc...
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
Quad 10-Bit Nonvolatile DACPOT
logo
Analog Devices
AD7398BRZ-REEL7 AD-AD7398BRZ-REEL7 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com