Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9418 Datasheet (PDF) - Summit Microelectronics, Inc.

S9418 Datasheet PDF - Summit Microelectronics, Inc.
Part # S9418
Download  S9418 Download
File Size   50.78 Kbytes
Page   10 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input

S9418 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9418 Datasheet PDF - Summit Microelectronics, Inc.

Part # S9418
Download  S9418 Click to download

File Size   50.78 Kbytes
Page   10 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input

S9418 Datasheet (HTML) - Summit Microelectronics, Inc.


S9418 Product details

OVERVIEW
The S9418 DACPOT™ is a serial input, voltage output, quad 8-bit digital to analog converter (DAC). The S9418 operates from a single 2.7V to 5.5V supply. Internal precision buffers swing rail-to-rail and the reference input range includes both ground and the positive supply.

FEATURES
• Four 8-Bit DACs
    — Differential Non-linearity: ±0.5LSB max
    — Integral Non-Linearity Error: ±1LSB max
• Each DAC has Independent Reference Inputs
    — Output Buffer Amplifiers Swing Rail-to-Rail
    — Ground to VDD Reference Input Range
• Each DAC’s Digital Inputs Maintained in EEPROM
• Power-On Reset Reloads Registers with Nonvolatile Data
• Simple Serial Interface for Reading and Writing DAC values, SPI™ and QSPI™ compatible.
• Fully operational from 2.7V to 5.5V
• Low Power, 4mW max at +5V




Similar Part No. - S9418

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
S94050B KEYSIGHT-S94050B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
S94051B KEYSIGHT-S94051B Datasheet
1Mb / 10P
P93xxB Streamline Series Vector Network Analyzer (VNA)
logo
Glenair, Inc.
S9407-AB-HBK-010 GLENAIR-S9407-AB-HBK-010 Datasheet
2Mb / 276P
HANDBOOK OF SHIPBOARD ELECTROMAGNETIC SHIELDING PRACTICES
logo
Summit Microelectronics...
S9408 SUMMIT-S9408 Datasheet
51Kb / 10P
Serial Input, Quad 8-Bit Nonvolatile DACPOT
S9408P SUMMIT-S9408P Datasheet
51Kb / 10P
Serial Input, Quad 8-Bit Nonvolatile DACPOT
More results


Similar Description - S9418

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241 XICOR-X9241 Datasheet
76Kb / 16P
Quad E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5232 AD-AD5232 Datasheet
268Kb / 20P
8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV.0
logo
Catalyst Semiconductor
CAT504 CATALYST-CAT504 Datasheet
141Kb / 12P
8-Bit Quad DACpot
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
logo
Maxim Integrated Produc...
MAX5105-MAX5106 MAXIM-MAX5105-MAX5106 Datasheet
523Kb / 19P
Nonvolatile, Quad, 8-Bit DACs
Rev 1; 6/01
logo
Summit Microelectronics...
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9408S SUMMIT-S9408S Datasheet
51Kb / 10P
Serial Input, Quad 8-Bit Nonvolatile DACPOT
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
Quad 10-Bit Nonvolatile DACPOT
logo
Summit Microelectronics...
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com