Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S9318 Datasheet (PDF) - Summit Microelectronics, Inc.

S9318 Datasheet PDF - Summit Microelectronics, Inc.
Part # S9318
Download  S9318 Download
File Size   34.88 Kbytes
Page   6 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface

S9318 Datasheet (PDF)

Go To PDF Page Download Datasheet
S9318 Datasheet PDF - Summit Microelectronics, Inc.

Part # S9318
Download  S9318 Click to download

File Size   34.88 Kbytes
Page   6 Pages
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.
Description Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface

S9318 Datasheet (HTML) - Summit Microelectronics, Inc.


S9318 Product details

OVERVIEW
The S9318 DACPOT™ trimmer is an 8-bit nonvolatile DAC designed to replace mechanical potentiometers. The S9318 includes a unity-gain amplifier to buffer the DAC output and enables VOUT to swing from rail to rail. The DACPOT trimmer operates over a supply voltage range of 2.7V to 5.5V.

FEATURES
• Digitally Controlled Electronic Potentiometer
• 8-Bit Digital-to-Analog Converter (DAC)
    – Independent Reference Inputs
    – Differential Non-Linearity - ±0.5LSB max
    – Integral Non-Linearity - ±1LSB max
• VOUT Value in E2PROM for Power-On Recall
    – Equivalent to 256-Step Potentiometer
• Unity Gain Op Amp Drives up to 1mA
• Simple Trimming Adjustment
    – Up/Down Counter Style Operation
• Low Noise Operation
• “Clickless” Transitions between DAC Steps
• No Mechanical Wearout Problem
    – 1,000,000 Stores (typical)
    – 100 Year Data Retention
• Operation from +2.7V to +5.5V Supply
• Low Power, 1mW max at +5V




Similar Part No. - S9318

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9345 HAMAMATSU-S9345 Datasheet
99Kb / 2P
Si PIN photodiode Dual-element photodiode using newly developed small, thin package
S9345 HAMAMATSU-S9345_15 Datasheet
191Kb / 4P
Si PIN photodiode
logo
Rohm
S9346-ND ROHM-S9346-ND Datasheet
659Kb / 8P
H-Bridge Motor Drivers For DC Brush Motors
logo
Summit Microelectronics...
S93462 SUMMIT-S93462 Datasheet
150Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
S93462S2.7 SUMMIT-S93462S2.7 Datasheet
150Kb / 14P
Precision Supply-Voltage Monitor and Reset Controller
More results


Similar Description - S9318

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F193 PHILIPS-74F193 Datasheet
104Kb / 12P
Up/down binary counter with separate up/down clocks
1995 Jul 17
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
Quad 10-Bit Nonvolatile DACPOT
logo
Summit Microelectronics...
SMP9517 SUMMIT-SMP9517 Datasheet
51Kb / 8P
Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
logo
Winbond
WMS7110 WINBOND-WMS7110 Datasheet
383Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7130 WINBOND-WMS7130 Datasheet
382Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
WMS7170 WINBOND-WMS7170_05 Datasheet
382Kb / 23P
NONVOLATILE DIGITAL POTENTIOMETERS WITH UP/DOWN (3-WIRE) INTERFACE
logo
WAGO Kontakttechnik Gmb...
753-404 WAGO-753-404 Datasheet
577Kb / 12P
Up/Down Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com