Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC9314 Datasheet (PDF) - Silan Microelectronics Joint-stock

SC9314 Datasheet PDF - Silan Microelectronics Joint-stock
Part # SC9314
Download  SC9314 Download
File Size   108.36 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description OTP ENCODER

SC9314 Datasheet (PDF)

Go To PDF Page Download Datasheet
SC9314 Datasheet PDF - Silan Microelectronics Joint-stock

Part # SC9314
Download  SC9314 Click to download

File Size   108.36 Kbytes
Page   5 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description OTP ENCODER

SC9314 Datasheet (HTML) - Silan Microelectronics Joint-stock


SC9314 Product details

DESCRIPTION
The SC9314 is CMOS LSI encoder designed for remote control system applications. It encodes 24 bits of information and then serially transmits it via the DOUT pin upon receipt of transmission enable (DATA pins: D0~D3) signals. The combination of address and bits of the SC9314 is designed by a one-time programmable process. The chip, in addition, offers various packaging for flexible combination of programmable address/data so as to meet various applications. Its programmable address/data is transmitted together with the anti-code bits via RF or infrared transmission medium upon receipt of a trigger signal.

FEATURES
* Operating voltage: 2V~12V
* Low power consumption
* Built-in oscillator needs only 5% resistor
* 0/2/4/8 data selectable
* 224 maximum address and data codes
* Easy interface with RF or IR medium
* One-time programmable
* Data active: D0~D3
* Minimal external components

APPLICATIONS
* Burglar alarm system
* Smoke and fire alarm system
* Garage door controllers
* Car door controllers
* Security system
* Cordless telephones
* Other remote control systems




Similar Part No. - SC9314

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SC9310 FAIRVIEW-SC9310 Datasheet
28Kb / 1P
REV N-F BULKHEAD .086 SR DIRECT SOLDER FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
REV A
SC9312 FAIRVIEW-SC9312 Datasheet
435Kb / 3P
N Female Bulkhead Connector Solder Attachment For RG402 Cable
REV 1.0
logo
Silan Microelectronics ...
SC9318-033 SILAN-SC9318-033 Datasheet
662Kb / 28P
DIGITAL TUNING SYSTEM
SC9318FA SILAN-SC9318FA Datasheet
662Kb / 28P
DIGITAL TUNING SYSTEM
SC9318FA-033 SILAN-SC9318FA-033 Datasheet
469Kb / 28P
DTS MICROCONTROLLER FOR PORTABLE RADIO RECEIVER
More results


Similar Description - SC9314

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
144Kb / 13P
OTP Encoder
June 20, 2003
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
OTP Encoder
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Silvan Chip Electronics...
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
OTP Encoder
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com