Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P20X Datasheet (PDF) - Holtek Semiconductor Inc

HT6P20X Datasheet PDF - Holtek Semiconductor Inc
Part # HT6P20X
Download  HT6P20X Download
File Size   144.13 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description OTP Encoder

HT6P20X Datasheet (PDF)

Go To PDF Page Download Datasheet
HT6P20X Datasheet PDF - Holtek Semiconductor Inc

Part # HT6P20X
Download  HT6P20X Click to download

File Size   144.13 Kbytes
Page   13 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description OTP Encoder

HT6P20X Datasheet (HTML) - Holtek Semiconductor Inc


HT6P20X Product details

General Description
The HT6P20X is a CMOS LSI encoder designed for remote control system applications. It encodes 24 bits of information and then serially transmits it via the DOUT pin upon receipt of transmission enable (DATA pins: D0~D3) signals. The combination of address and data bits of the HT6P20X is designed using one time programmable process. In addition, the chip offers various packaging for flexible combination of programmable address/data so as to meet various applications. Its programmable address/data is transmitted together with the anti-code bits via RF or infrared transmission me dium upon receipt of a trigger signal.

Features
● Operating voltage: 2V~12V
● Low power consumption
● Built-in oscillator needs only 5% resistor
● 2/4 data selectable
● 2²⁴ maximum address and data codes
● Easy interface with an RF or IR medium
● One time programmable process
● Data active: D0~D3
● Minimal external components
● HT6P20B: 8-pin DIP/SOP package
   T6P20D: 16-pin DIP/NSOP package
  
Applications
● Burglar alarm system
● Smoke and fire alarm system
● Garage door controllers
● Car door controllers
● Security system
● Cordless telephones
● Other remote control systems




Similar Part No. - HT6P20X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X Datasheet
136Kb / 14P
OTP Encoder
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
More results


Similar Description - HT6P20X

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
OTP Encoder
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Silvan Chip Electronics...
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
OTP Encoder
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com