Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6P20X Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6P20X
Description  OTP Encoder
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6P20X Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6P20X Datasheet HTML 1Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 2Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 3Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 4Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 5Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 6Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 7Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 8Page - Holtek Semiconductor Inc HT6P20X Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT6P20X Series
2
24 OTP Encoder
Block Diagram
Note: Address/Data numbers are available in various combinations, refer to the functional description.
Rev. 1.40
1
June 20, 2003
Features
· Operating voltage: 2V~12V
· Low power consumption
· Built-in oscillator needs only 5% resistor
· 0/2/4/8 data selectable
· 224 maximum address and data codes
· Easy interface with an RF or IR medium
· One time programmable process
· Data active: D0~D7
· Minimal external components
· HT6P20A/B: 8-pin DIP/SOP package
HT6P20D: 16-pin DIP/NSOP package
General Description
The HT6P20X is a CMOS LSI encoder designed for re-
mote control system applications. It encodes 24 bits of
information and then serially transmits it via the DOUT
pin upon receipt of transmission enable (DATA pins:
D0~D7) signals. The combination of address and data
bits of the HT6P20X is designed using one time pro-
grammable process. In addition, the chip offers various
packaging for flexible combination of programmable ad-
dress/data so as to meet various applications. Its pro-
grammable address/data is transmitted together with
the anti-code bits via RF or infrared transmission me-
dium upon receipt of a trigger signal.
Applications
· Burglar alarm system
· Smoke and fire alarm system
· Garage door controllers
· Car door controllers
· Security system
· Cordless telephones
· Other remote control systems
O s c i l l a t o r
P r o g r a m m i n g
C i r c u i t
C o n t r o l U n i t
A d d r e s s
C o u n t e r
D a t a L a t c h
V P P
S I O
M i x e r &
D r i v e r
D O U T
O S C 1
O S C 2
P G M
D 0
D 7


Similar Part No. - HT6P20X

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X Datasheet
136Kb / 14P
OTP Encoder
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
More results

Similar Description - HT6P20X

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9314 SILAN-SC9314 Datasheet
108Kb / 5P
OTP ENCODER
logo
List of Unclassifed Man...
FP527 ETC2-FP527 Datasheet
367Kb / 2P
OTP Encoder
logo
Micon Design Technology...
MDT75C277 MDTIC-MDT75C277 Datasheet
272Kb / 7P
OTP Encoder
MDT75C275 MDTIC-MDT75C275 Datasheet
121Kb / 5P
OTP Encoder
logo
Holtek Semiconductor In...
HT6P20X HOLTEK-HT6P20X_09 Datasheet
121Kb / 13P
OTP Encoder
July 30, 2009
HT6P20X HOLTEK-HT6P20X_10 Datasheet
136Kb / 14P
OTP Encoder
logo
Silvan Chip Electronics...
EV1527 SILVAN-EV1527 Datasheet
92Kb / 3P
OTP Encoder
SC2240B SILVAN-SC2240B Datasheet
82Kb / 3P
OTP Encoder
SCL527 SILVAN-SCL527 Datasheet
92Kb / 3P
OTP Encoder
SCT1527 SILVAN-SCT1527 Datasheet
120Kb / 3P
OTP Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com