Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-3 Datasheet (PDF) - Stanford Microdevices

SCA-3 Datasheet PDF - Stanford Microdevices
Part # SCA-3
Download  SCA-3 Download
File Size   556.86 Kbytes
Page   6 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER

SCA-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCA-3 Datasheet PDF - Stanford Microdevices

Part # SCA-3
Download  SCA-3 Click to download

File Size   556.86 Kbytes
Page   6 Pages
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices
Description DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER

SCA-3 Datasheet (HTML) - Stanford Microdevices


SCA-3 Product details

Prodect Features
• High Output IP3: 32.8 dBm @ 850 MHz
• Cascadable 50 Ohm Gain Block
• Patented GaAs HBT Technology
• Operates From Single Supply

Applications
• Cellular, PCS, CDPD, Wireless Data, SONET




Similar Part No. - SCA-3

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
SCA-3-11 MINI-SCA-3-11 Datasheet
126Kb / 1P
Power Splitter/Combiner 3 Way-0째 50??100 to 940 MHz
logo
Eravant
SCA-30-2M2F-S9 ERAVANT-SCA-30-2M2F-S9 Datasheet
240Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 30 dB Attenuation
Rev. 1.0
SCA-30-2M2F-SD ERAVANT-SCA-30-2M2F-SD Datasheet
343Kb / 3P
2.4 mm Coaxial Fixed Attenuator, 30 dB Attenuation
Rev 1.0
SCA-30-2M2F-SD-40 ERAVANT-SCA-30-2M2F-SD-40 Datasheet
275Kb / 2P
2.4 mm Coaxial Fixed Attenuator, 30 dB Attenuation, 10 W
Rev 1.0
SCA-30-3M3F-S2 ERAVANT-SCA-30-3M3F-S2 Datasheet
242Kb / 2P
3.5 mm Coaxial Fixed Attenuator, 30 dB Attenuation
More results


Similar Description - SCA-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SBA-4089 ETC-SBA-4089 Datasheet
685Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5089 ETC-SBA-5089 Datasheet
681Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SNA-586 ETC-SNA-586 Datasheet
351Kb / 6P
DC-5 GHz, Cascadable GaAs HBT MMIC Amplifier
logo
Stanford Microdevices
NGA-486 STANFORD-NGA-486 Datasheet
271Kb / 4P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
logo
List of Unclassifed Man...
SBA-4086 ETC1-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
SBA-5086 SIRENZA-SBA-5086 Datasheet
284Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
NGA-486 SIRENZA-NGA-486 Datasheet
391Kb / 5P
DC-5 GHz, Cascadable InGap/GaAS HBT MMIC Amplifier
SBA-4086 SIRENZA-SBA-4086 Datasheet
281Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-4089 SIRENZA-SBA-4089 Datasheet
314Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
SBA-5089 SIRENZA-SBA-5089 Datasheet
309Kb / 5P
DC-5 GHz, Cascadable InGaP/GaAs HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com