Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCA-3 Datasheet(PDF) 2 Page - Stanford Microdevices

Part # SCA-3
Description  DC-5 GHZ CASCADABLE GAAS HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANFORD [Stanford Microdevices]
Direct Link  
Logo STANFORD - Stanford Microdevices

SCA-3 Datasheet(HTML) 2 Page - Stanford Microdevices

  SCA-3 Datasheet HTML 1Page - Stanford Microdevices SCA-3 Datasheet HTML 2Page - Stanford Microdevices SCA-3 Datasheet HTML 3Page - Stanford Microdevices SCA-3 Datasheet HTML 4Page - Stanford Microdevices SCA-3 Datasheet HTML 5Page - Stanford Microdevices SCA-3 Datasheet HTML 6Page - Stanford Microdevices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
http://www.stanfordmicro.com
Phone: (800) SMI-MMIC
522 Almanor Ave., Sunnyvale, CA 94085
Preliminary
EDS-101392 Rev A
SCA-3 DC-5GHz Cascadable MMIC Amplifier
Preliminary
Absolute Maximum Ratings
r
e
t
e
m
a
r
a
Pe
u
l
a
Vt
i
n
U
t
n
e
r
r
u
C
y
l
p
p
u
S0
2
1A
m
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O5
8
+
o
t
0
4
-C
r
e
w
o
P
t
u
p
n
I
m
u
m
i
x
a
M6
1
+m
B
d
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S0
5
1
+
o
t
0
4
-C
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O5
7
1
+C
Operation of this device above any one of these parameters
may cause permanent damage.
Bias Conditions should also satisfy the following expression:
I
DVD (max) < (TJ - TOP)/Rth, j-l
r
e
t
e
m
a
r
a
P
l
a
c
i
p
y
T
n
o
it
i
d
n
o
C
t
s
e
T
C
°
5
2
ti
n
U
I(
D
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
,
A
m
5
6
=)
z
H
M
0
0
5
n
i
a
G
e
r
u
g
i
F
e
s
i
o
N
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
7
.
3
1
4
.
5
3
.
2
3
1
.
7
1
8
.
2
1
2
.
8
1
B
d
B
d
m
B
d
m
B
d
B
d
B
d
Z
S
s
m
h
O
0
5
=
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,
z
H
M
1
=
g
n
i
c
a
p
s
e
n
o
T
z
H
M
0
5
8
n
i
a
G
e
r
u
g
i
F
e
s
i
o
N
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
7
.
3
1
5
.
5
8
.
2
3
3
.
7
1
3
.
2
1
3
.
8
1
B
d
B
d
m
B
d
m
B
d
B
d
B
d
Z
S
s
m
h
O
0
5
=
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,
z
H
M
1
=
g
n
i
c
a
p
s
e
n
o
T
z
H
M
0
5
9
1
n
i
a
G
e
r
u
g
i
F
e
s
i
o
N
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
6
.
3
1
6
.
5
3
.
0
3
6
.
7
1
9
.
2
1
2
.
8
1
B
d
B
d
m
B
d
m
B
d
B
d
B
d
Z
S
s
m
h
O
0
5
=
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,
z
H
M
1
=
g
n
i
c
a
p
s
e
n
o
T
z
H
M
0
0
4
2
n
i
a
G
3
P
I
t
u
p
t
u
O
B
d
1
P
t
u
p
t
u
O
s
s
o
L
n
r
u
t
e
R
t
u
p
n
I
n
o
it
a
l
o
s
I
6
.
3
1
1
.
9
2
4
.
7
1
2
.
5
1
4
.
8
1
B
d
m
B
d
m
B
d
B
d
B
d
m
B
d
0
=
e
n
o
t
r
e
p
t
u
o
P
,
z
H
M
1
=
g
n
i
c
a
p
s
e
n
o
T
*NOTE: While the SCA-3 can be operated at different bias currents, 65 mA is the recommended
bias for lower junction temperature and longer life. This reflects typical operating conditions
which we have found to be an optimal balance between high IP3 and MTTF. In general, MTTF
is improved to more than 100,000 hours when biasing at 65 mA and operating up to 85°C ambient
temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com