Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KIA78R015PI Datasheet (PDF) - KEC(Korea Electronics)

KIA78R015PI Datasheet PDF - KEC(Korea Electronics)
Part # KIA78R015PI
Download  KIA78R015PI Download
File Size   108.72 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SEMICONDUCTOR TECHNICAL DATA

KIA78R015PI Datasheet (PDF)

Go To PDF Page Download Datasheet
KIA78R015PI Datasheet PDF - KEC(Korea Electronics)

Part # KIA78R015PI
Download  KIA78R015PI Click to download

File Size   108.72 Kbytes
Page   10 Pages
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)
Description SEMICONDUCTOR TECHNICAL DATA

KIA78R015PI Datasheet (HTML) - KEC(Korea Electronics)


KIA78R015PI Product details

4 ,5 TERMINAL LOW DROP VOLTAGE REGULATOR

[Low Quiescent Current-Type]



The KIA78R F/PI Series are Low Dropout Voltage Regulator suitable for various electronic equipments. The Regulator has multi function such as over current protection, overheat protection.



FEATURES

1.0A Output Low Drop Voltage Regulator.

Built in ON/OFF Control Terminal. (Active High)

Built in Over Current Protection, Over Heat Protection Function.

Low Quiescent Current (Output OFF mode) : 0.5A(Typ.)

Low Standby Current : 800A(Typ.)



 




Similar Part No. - KIA78R015PI

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015F/PI KEC-KIA78R015F/PI Datasheet
103Kb / 10P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R015F/PI KEC-KIA78R015F/PI Datasheet
108Kb / 10P
SEMICONDUCTOR
KIA78R015FP KEC-KIA78R015FP Datasheet
499Kb / 8P
BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78R015ZF KEC-KIA78R015ZF Datasheet
121Kb / 9P
BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Similar Description - KIA78R015PI

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KTA1266A KEC-KTA1266A Datasheet
57Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com