Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF372 Datasheet (PDF) - Motorola, Inc

MRF372 Datasheet PDF - Motorola, Inc
Part # MRF372
Download  MRF372 Download
File Size   528.25 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SEMICONDUCTOR TECHNICAL DATA

MRF372 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF372 Datasheet PDF - Motorola, Inc

Part # MRF372
Download  MRF372 Click to download

File Size   528.25 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SEMICONDUCTOR TECHNICAL DATA

MRF372 Datasheet (HTML) - Motorola, Inc


MRF372 Product details

The RF MOSFET Line

RF Power Field-Effect Transistor

N-Channel Enhancement-Mode Lateral MOSFET



Designed for broadband commercial and industrial applications with frequencies from 470 to 860 MHz. The high gain and broadband performance of this device make it ideal for large–signal, common source amplifier applications in 32 volt transmitter equipment.



• Typical Narrowband Two–Tone Performance @ f1 = 857 MHz,

   f2 = 863 MHz, 32 Volts

   Output Power — 180 Watts PEP

   Power Gain — 17 dB

   Efficiency — 36%

   IMD — –35 dBc

• Typical Broadband Two–Tone Performance @ f1 = 857 MHz,

   f2 = 863 MHz, 32 Volts

   Output Power — 180 Watts PEP

   Power Gain — 14.5 dB

   Efficiency — 37%

   IMD — –31 dBc

• Internally Matched, Controlled Q, for Ease of Use

• Integrated ESD Protection

• 100% Tested for Load Mismatch Stress at All Phase Angles with 3:1 VSWR @ 32 Vdc, f1 = 857 MHz, f2 = 863 MHz, 180 Watts PEP

• Excellent Thermal Stability

• Characterized with Series Equivalent Large–Signal Impedance Parameters



 




Similar Part No. - MRF372

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF372 FREESCALE-MRF372 Datasheet
505Kb / 16P
RF Power Field-Effect Transistor
MRF372R3 FREESCALE-MRF372R3 Datasheet
505Kb / 16P
RF Power Field-Effect Transistor
MRF372R5 FREESCALE-MRF372R5 Datasheet
505Kb / 16P
RF Power Field-Effect Transistor
More results


Similar Description - MRF372

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
KTA1266A KEC-KTA1266A Datasheet
57Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com