Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1623-L5 Datasheet (PDF) - Micro Commercial Components

2SC1623-L5 Datasheet PDF - Micro Commercial Components
Part # 2SC1623-L5
Download  2SC1623-L5 Download
File Size   384.23 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistors

2SC1623-L5 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC1623-L5 Datasheet PDF - Micro Commercial Components

Part # 2SC1623-L5
Download  2SC1623-L5 Click to download

File Size   384.23 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Epitaxial Transistors

2SC1623-L5 Datasheet (HTML) - Micro Commercial Components


2SC1623-L5 Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• High DC Current Gain: hFE=600 Max.(VCE=6.0V, IC=1.0mA)
• High voltage: VCEO=50V
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - 2SC1623-L5

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC1623-L5 KEXIN-2SC1623-L5 Datasheet
1Mb / 2P
NPN Transistors
logo
DONGGUAN YOU FENG WEI E...
2SC1623-L5 YFWDIODE-2SC1623-L5 Datasheet
577Kb / 3P
NPN Transistors
logo
Guangdong Kexin Industr...
2SC1623-L5-HF KEXIN-2SC1623-L5-HF Datasheet
1Mb / 2P
NPN Transistors
logo
Comchip Technology
2SC1623-L5-HF COMCHIP-2SC1623-L5-HF Datasheet
522Kb / 5P
General Purpose Transistors
REV:A
More results


Similar Description - 2SC1623-L5

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
WMBTA42 WINGS-WMBTA42 Datasheet
73Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com