Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WMBTA42 Datasheet (PDF) - Wing Shing Computer Components

WMBTA42 Datasheet PDF - Wing Shing Computer Components
Part # WMBTA42
Download  WMBTA42 Download
File Size   73.21 Kbytes
Page   1 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description NPN EPITAXIAL SILICON TRANSISTORS

WMBTA42 Datasheet (PDF)

Go To PDF Page Download Datasheet
WMBTA42 Datasheet PDF - Wing Shing Computer Components

Part # WMBTA42
Download  WMBTA42 Click to download

File Size   73.21 Kbytes
Page   1 Pages
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components
Description NPN EPITAXIAL SILICON TRANSISTORS

WMBTA42 Datasheet (HTML) - Wing Shing Computer Components


WMBTA42 Product details

High Voltage Transistor

* Die Size 0.6*0.6mm
* Power Dissipation: 225mW
* Collector Current: Max. 500mA
* Bonding Pad Size
   Emitoe 100*100mkm
   Base   100*100mkm




Similar Part No. - WMBTA42

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBTA92 WINGS-WMBTA92 Datasheet
71Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
More results


Similar Description - WMBTA42

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WMBT3904 WINGS-WMBT3904 Datasheet
66Kb / 1P
NPN EPITAXIAL SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SC1623-L6 MCC-2SC1623-L6_11 Datasheet
340Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2873-O MCC-2SC2873-O Datasheet
299Kb / 4P
NPN Silicon Epitaxial Transistors
2SC3279-L MCC-2SC3279-L Datasheet
266Kb / 3P
NPN Silicon Epitaxial Transistors
2SC4097-P MCC-2SC4097-P Datasheet
221Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y Datasheet
233Kb / 2P
NPN Silicon Epitaxial Transistors
2SC1623-L5 MCC-2SC1623-L5 Datasheet
384Kb / 4P
NPN Silicon Epitaxial Transistors
2SC2411-P MCC-2SC2411-P_13 Datasheet
306Kb / 3P
NPN Silicon Epitaxial Transistors
KSD1616-Y MCC-KSD1616-Y_13 Datasheet
275Kb / 2P
NPN Silicon Epitaxial Transistors
logo
Jinan Jing Heng Electro...
TIP41C JINGHENG-TIP41C Datasheet
1Mb / 5P
NPN Epitaxial Silicon Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com