Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856BS Datasheet (PDF) - Micro Commercial Components

BC856BS Datasheet PDF - Micro Commercial Components
Part # BC856BS
Download  BC856BS Download
File Size   301.77 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors 200mW

BC856BS Datasheet (PDF)

Go To PDF Page Download Datasheet
BC856BS Datasheet PDF - Micro Commercial Components

Part # BC856BS
Download  BC856BS Click to download

File Size   301.77 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors 200mW

BC856BS Datasheet (HTML) - Micro Commercial Components




Similar Part No. - BC856BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Guangdong Kexin Industr...
BC856BS KEXIN-BC856BS Datasheet
1Mb / 5P
PNP Transistors
logo
Nexperia B.V. All right...
BC856BS NEXPERIA-BC856BS Datasheet
1Mb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01 - 11 August 2009
BC856BSH NEXPERIA-BC856BSH Datasheet
234Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
22 March 2021
BC856BSH-Q NEXPERIA-BC856BSH-Q Datasheet
235Kb / 10P
65 V, 100 mA PNP/PNP general-purpose double transistor
6 May 2021
More results


Similar Description - BC856BS

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3904 MCC-MMDT3904 Datasheet
113Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3904 MCC-MMDT3904_11 Datasheet
219Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856S MCC-BC856S Datasheet
468Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
MMDT3904 MCC-MMDT3904_13 Datasheet
247Kb / 2P
Plastic-Encapsulate Transistors 200mW
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com