Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856S Datasheet (PDF) - Micro Commercial Components

BC856S Datasheet PDF - Micro Commercial Components
Part # BC856S
Download  BC856S Download
File Size   468.14 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors 200mW

BC856S Datasheet (PDF)

Go To PDF Page Download Datasheet
BC856S Datasheet PDF - Micro Commercial Components

Part # BC856S
Download  BC856S Click to download

File Size   468.14 Kbytes
Page   3 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description PNP Plastic-Encapsulate Transistors 200mW

BC856S Datasheet (HTML) - Micro Commercial Components


BC856S Product details

Features
• Halogen free available upon request by adding suffix "-HF"
• Multi-chip Transistor
• Ultra-Small Surface Mount Package
• Lead Free Finish/RoHS Compliant ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisure Sensitivity Level 1




Similar Part No. - BC856S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC856S PHILIPS-BC856S Datasheet
50Kb / 8P
PNP general purpose double transistor
1999 Aug 24
logo
Siemens Semiconductor G...
BC856S SIEMENS-BC856S Datasheet
42Kb / 6P
PNP Silicon AF Transistor Array (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BC856S INFINEON-BC856S Datasheet
58Kb / 6P
PNP Silicon AF Transistor Array
Nov-29-2001
logo
Diotec Semiconductor
BC856S DIOTEC-BC856S Datasheet
73Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
BC856S DIOTEC-BC856S Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Double-Transistors
More results


Similar Description - BC856S

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MMDT3904 MCC-MMDT3904 Datasheet
113Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3904 MCC-MMDT3904_11 Datasheet
219Kb / 2P
200mW Plastic-Encapsulate Transistors
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
BC856BS MCC-BC856BS Datasheet
301Kb / 3P
PNP Plastic-Encapsulate Transistors 200mW
MMDT3904 MCC-MMDT3904_13 Datasheet
247Kb / 2P
Plastic-Encapsulate Transistors 200mW
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com