Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC856S Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BC856S
Description  PNP Plastic-Encapsulate Transistors 200mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BC856S Datasheet(HTML) 2 Page - Micro Commercial Components

  BC856S Datasheet HTML 1Page - Micro Commercial Components BC856S Datasheet HTML 2Page - Micro Commercial Components BC856S Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Revision: B
2013/01/01
ELECTRICAL CHARACTERISTICS(Tamb=25
unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-10µA,IE=0
-80
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=-10mA,IB=0
-65
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10µA,IC=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-15
nA
DC current gain
hFE
VCE=-5V,IC=-2mA
110
VCE(sat)(1)
IC=-10mA,IB=-0.5mA
-0.1
V
Collector-emitter saturation voltage
VCE(sat)(2)
IC=-100mA,IB=-5mA
-0.3
V
Base-emitter voltage
VBE(sat)
I C=-10V,IB=-0.5mA
0.7
V
Transition frequency
fT
VCE=-5V,IC=-10mA,f=100MHz
100
MHz
Collector output capacitance
Cob
VCB=-10V,IE=0,f=1MHz
2.5
pF
www.mccsemi.com
2 of 3
Micro Commercial Components
MCC
TM
BC856S
Emitter cut-off current
IEBO
VEB=-5V,IC=0
-100
nA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com