Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRAMX20UP60A Datasheet (PDF) - International Rectifier

IRAMX20UP60A Datasheet PDF - International Rectifier
Part # IRAMX20UP60A
Download  IRAMX20UP60A Download
File Size   240.86 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 20A, 600V with open Emitter Pins

IRAMX20UP60A Datasheet (PDF)

Go To PDF Page Download Datasheet
IRAMX20UP60A Datasheet PDF - International Rectifier

Part # IRAMX20UP60A
Download  IRAMX20UP60A Click to download

File Size   240.86 Kbytes
Page   17 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 20A, 600V with open Emitter Pins

IRAMX20UP60A Datasheet (HTML) - International Rectifier




Similar Part No. - IRAMX20UP60A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
612Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A Datasheet
432Kb / 17P
Integrated Gate Drivers
IRAMX20UP60A-2 IRF-IRAMX20UP60A-2 Datasheet
612Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A_06 Datasheet
612Kb / 17P
Integrated Power Hybrid IC for Appliance Motor Drive Applications
IRAMX20UP60A IRF-IRAMX20UP60A_15 Datasheet
432Kb / 17P
Integrated Gate Drivers
More results


Similar Description - IRAMX20UP60A

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBI20F-060 FUJI-6MBI20F-060 Datasheet
126Kb / 4P
IGBT(600V 20A)
6MBI20GS-060 FUJI-6MBI20GS-060 Datasheet
429Kb / 4P
IGBT(600V 20A)
6MBI20L-060 FUJI-6MBI20L-060 Datasheet
127Kb / 4P
IGBT(600V 20A)
logo
SemiHow Co.,Ltd.
HTP20-600 SEMIHOW-HTP20-600 Datasheet
312Kb / 5P
600V 20A TRIACThe
logo
International Rectifier
IRAM136-1060A IRF-IRAM136-1060A Datasheet
259Kb / 17P
10A, 600Vwith Open Emitter Pins
IRAM136-0760A2 IRF-IRAM136-0760A2 Datasheet
258Kb / 17P
5A, 600V with Open Emitter Pins
logo
Vincotech
20-1B12IPA008SC-L239C09 VINCOTECH-20-1B12IPA008SC-L239C09 Datasheet
752Kb / 9P
Open Emitter or Emitter Shunt
20-1B12IPA015SC-L579F09 VINCOTECH-20-1B12IPA015SC-L579F09 Datasheet
1Mb / 11P
Open Emitter or Emitter Shunt
10-0B066PA006SB-M992F09 VINCOTECH-10-0B066PA006SB-M992F09 Datasheet
1Mb / 17P
Open emitter topology
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
TRIACs 600V, 20A
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com