Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP20-600 Datasheet (PDF) - SemiHow Co.,Ltd.

HTP20-600 Datasheet PDF - SemiHow Co.,Ltd.
Part # HTP20-600
Download  HTP20-600 Download
File Size   312.5 Kbytes
Page   5 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 600V 20A TRIACThe

HTP20-600 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTP20-600 Datasheet PDF - SemiHow Co.,Ltd.

Part # HTP20-600
Download  HTP20-600 Click to download

File Size   312.5 Kbytes
Page   5 Pages
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.
Description 600V 20A TRIACThe

HTP20-600 Datasheet (HTML) - SemiHow Co.,Ltd.




Similar Part No. - HTP20-600

ManufacturerPart #DatasheetDescription
logo
E+E Elektronik Ges.m.b....
HTP201 EPLUSE-HTP201 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Analogue Outputs
10-2022
logo
SHANTOU HUASHAN ELECTRO...
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results


Similar Description - HTP20-600

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
S20WB60 SHINDENGEN-S20WB60 Datasheet
312Kb / 6P
Bridge Diode(600V 20A)
logo
Fuji Electric
6MBI20F-060 FUJI-6MBI20F-060 Datasheet
126Kb / 4P
IGBT(600V 20A)
6MBI20GS-060 FUJI-6MBI20GS-060 Datasheet
429Kb / 4P
IGBT(600V 20A)
6MBI20L-060 FUJI-6MBI20L-060 Datasheet
127Kb / 4P
IGBT(600V 20A)
logo
International Rectifier
IRAMY20UP60B IRF-IRAMY20UP60B Datasheet
335Kb / 16P
iMOTION Series 20A, 600V
logo
Fairchild Semiconductor
FFPF20UP60DN FAIRCHILD-FFPF20UP60DN Datasheet
241Kb / 5P
20A, 600V Ultrafast Rectifier
logo
Fuji Electric
1MBH20D-060 FUJI-1MBH20D-060 Datasheet
1Mb / 5P
600V / 20A Molded Package
logo
Alpha & Omega Semicondu...
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
600V 20A a MOS
AOT20S60L AOSMD-AOT20S60L Datasheet
519Kb / 7P
600V 20A a MOS
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
TRIACs 600V, 20A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com