Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP201 Datasheet (PDF) - E+E Elektronik Ges.m.b.H

HTP201 Datasheet PDF - E+E Elektronik Ges.m.b.H
Part # HTP201
Download  HTP201 Download
File Size   1110.88 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Humidity and Temperature Probe with Analogue Outputs

HTP201 Datasheet (PDF)

Go To PDF Page Download Datasheet
HTP201 Datasheet PDF - E+E Elektronik Ges.m.b.H

Part # HTP201
Download  HTP201 Click to download

File Size   1110.88 Kbytes
Page   9 Pages
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H
Description Humidity and Temperature Probe with Analogue Outputs

HTP201 Datasheet (HTML) - E+E Elektronik Ges.m.b.H


HTP201 Product details

Features
Measurement performance
▪ High RH / T accuracy
▪ Excellent long term stability
▪ Wide T range: - 40...+80 °C (- 40...+176 °F)
▪ T compensation
▪ Very low self-heating
Mechanical construction
▪ Stainless steel or polycarbonate enclosure
▪ Encapsulated electronics
▪ IP65
E+E RH / T sensing element
▪ Protected by E+E proprietary coating
▪ Patented sensor technology
▪ Sealed solder pads
▪ Very robust
Outputs
▪ Two analogue outputs
▪ 0 - 1 / 5 / 10 V
▪ 4 - 20 mA
▪ T passive output optional
Connection
▪ M12x1 Connector
▪ Flexible cable with
1.5 / 3 / 5 m (4.9 / 9.8 / 16.4 ft)




Similar Part No. - HTP201

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HTP20-600 SEMIHOW-HTP20-600 Datasheet
312Kb / 5P
600V 20A TRIACThe
logo
SHANTOU HUASHAN ELECTRO...
HTP20A60 HUASHAN-HTP20A60 Datasheet
179Kb / 3P
NON INSULATED TYPE TRIAC (TO-220 PACKAGE)
More results


Similar Description - HTP201

ManufacturerPart #DatasheetDescription
logo
Vaisala
HMP110 VAISALA-HMP110 Datasheet
208Kb / 3P
Humidity and Temperature Probe
HMP113 VAISALA-HMP113 Datasheet
195Kb / 3P
Humidity and Temperature Probe
HMP3 VAISALA-HMP3 Datasheet
597Kb / 3P
General Purpose Humidity and Temperature Probe
HMP5 VAISALA-HMP5 Datasheet
297Kb / 3P
Relative Humidity and Temperature Probe
HMP60 VAISALA-HMP60 Datasheet
286Kb / 3P
Humidity and Temperature Probe
HMP63 VAISALA-HMP63 Datasheet
202Kb / 3P
Humidity and Temperature Probe
HMP7 VAISALA-HMP7 Datasheet
313Kb / 3P
Relative Humidity and Temperature Probe
HMP8 VAISALA-HMP8 Datasheet
570Kb / 3P
Relative Humidity and Temperature Probe
HMP9 VAISALA-HMP9 Datasheet
599Kb / 3P
Compact Humidity and Temperature Probe
logo
E+E Elektronik Ges.m.b....
EE072 EPLUSE-EE072 Datasheet
1Mb / 9P
Humidity and Temperature Probe with Digital Interface
03-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com