Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP201 Datasheet(PDF) 8 Page - E+E Elektronik Ges.m.b.H

Part # HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Datasheet(HTML) 8 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 8
Accessories
Accessories
Code
M12x1 connector, 4 pole socket, for self assembly
HA010707
Connection cable, 5 pole, M12x1 plug / socket, shielded,
2 m (6.6 ft) / 5 m (16.4 ft) /10 m (32.8 ft)
HA010816/HA010817/HA010818
Connection cable, 5 pole, M12x1 socket / free ends, shielded,
1.5 m (4.9 ft) / 5 m (16.4 ft) / 10 m (32.8 ft)
HA010819/HA010820/HA010821
Plastic mounting flange Ø12 mm (0.47") black
HA010214
Stainless steel flange Ø12 mm
HA010201
Wall mounting clip Ø12 mm (0.47")
HA010211
Stainless steel wall mounting clip Ø12 mm (0.47”)
HA010225
Protection cap for Ø12 mm (0.47") probe
HA010783
Radiation shield with fixed clamping ring (M20x1.5)
HA010502
For further information see datasheet Accessories.
Order Example
HTP201-M1HS2A1F9E9SBH80
Feature
Code
Description
Model
M1
RH + T
Enclosure
HS2
Stainless steel
Analogue output
A1
0 - 1 V
Filter
F9
Stainless steel - metal grid
Electrical connection
E9
M12 connector, 4 poles
T scaling low
No code
-40 °C
T scaling high
SBH80
80 °C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com