Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP201 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 2
HTP201
With its outstanding price performance ratio, HTP201 is the perfect solution for cost effective and reliable measurement of
relative humidity (RH) and temperature (T) in most various industries.
Outstanding Measurement Performance with Patented Sensor Technology
The E+E RH / T sensing element with proprietary protection and sealed solder pads ensures excellent long-term
performance of the HTP201 over the entire working range and even in dusty and dirty environment. Innovative PCB design
inside the probe reduces self-heating relevantly.
Versatility and Robustness
Excellent protection against external influences is ensured by the combination of completely encapsulated electronics and
the long-term stable E+E RH / T sensing element. Its IP65 stainless steel or polycarbonate enclosure and integrated cable
or a threaded connector make it a versatile probe tackling even challenging applications.
Analogue Outputs
The RH and T measured data is available on two analogue outputs for voltage (0 - 1 V, 0 - 5 V or 0 - 10 V) or current
(4 - 20 mA). In addition, the HTP201 has a passive T output (4-wire), a wide temperature and supply voltage range,
making it a universally applicable probe.
Humidity and Temperature Probe with Analogue Outputs
HTP201 voltage version with stainless steel enclosure and
stainless steel sinter filter
HTP201 current version with cable, polycarbonat enclosure
and metal grid filter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com