Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTP201 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # HTP201
Description  Humidity and Temperature Probe with Analogue Outputs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTP201 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  HTP201 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTP201 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Datasheet HTP201
v1.1 / Modification rights reserved | 3
Mechanical construction
▪ Stainless steel or polycarbonate enclosure
▪ Encapsulated electronics
▪ IP65
E+E RH / T sensing element
▪ Protected by E+E proprietary coating
▪ Patented sensor technology
▪ Sealed solder pads
▪ Very robust
Measurement performance
▪ High RH / T accuracy
▪ Excellent long term stability
▪ Wide T range: - 40...+80 °C (- 40...+176 °F)
▪ T compensation
▪ Very low self-heating
Outputs
▪ Two analogue outputs
▪ 0 - 1 / 5 / 10 V
▪ 4 - 20 mA
▪ T passive output optional
Connection
▪ M12x1 Connector
▪ Flexible cable with
1.5 / 3 / 5 m (4.9 / 9.8 / 16.4 ft)
Features



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com