Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4259-T2U Datasheet (PDF) - OSRAM GmbH

SFH4259-T2U Datasheet PDF - OSRAM GmbH
Part # SFH4259-T2U
Download  SFH4259-T2U Download
File Size   449.13 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter

SFH4259-T2U Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4259-T2U Datasheet PDF - OSRAM GmbH

Part # SFH4259-T2U
Download  SFH4259-T2U Click to download

File Size   449.13 Kbytes
Page   13 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description High Power Infrared Emitter

SFH4259-T2U Datasheet (HTML) - OSRAM GmbH


SFH4259-T2U Product details

Safety Advices

Depending on the mode of operation, these devices emit highly concentrated non visible infrared light which can be hazardous to the human eye. Products which incorporate these devices have to follow the safety precautions given in IEC 60825-1 and IEC 62471.



Features

• High Power Infrared LED

• Peak wavelength typ. 850 nm

• Half angle SFH 4258: ± 15°

• Half angle SFH 4259: ± 25°

• High forward current allowed at high temperature



Applications

• Infrared Illumination for CMOS cameras

• IR Data Transmission

• Optical sensors




Similar Part No. - SFH4259-T2U

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4259 OSRAM-SFH4259 Datasheet
250Kb / 10P
High Power Infrared Emitter (850 nm)
SFH4259 OSRAM-SFH4259 Datasheet
176Kb / 11P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4259S OSRAM-SFH4259S Datasheet
218Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4259S OSRAM-SFH4259S Datasheet
426Kb / 13P
High Power Infrared Emitter
More results


Similar Description - SFH4259-T2U

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTE8600CP MARKTECH-MTE8600CP Datasheet
828Kb / 4P
High Power Infrared Emitter
MTE8600MC MARKTECH-MTE8600MC Datasheet
771Kb / 4P
High Power Infrared Emitter
MTE9460WC MARKTECH-MTE9460WC Datasheet
521Kb / 3P
High Power Infrared Emitter
MTE8600C2 MARKTECH-MTE8600C2_15 Datasheet
769Kb / 3P
High Power Infrared Emitter
logo
OSRAM GmbH
SFH-4045N OSRAM-SFH-4045N Datasheet
445Kb / 13P
High Power Infrared Emitter
SFH-4050 OSRAM-SFH-4050 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4235 OSRAM-SFH-4235 Datasheet
415Kb / 13P
High Power Infrared Emitter
SFH-4240 OSRAM-SFH-4240 Datasheet
454Kb / 13P
High Power Infrared Emitter
SFH-4256 OSRAM-SFH-4256 Datasheet
425Kb / 13P
High Power Infrared Emitter
SFH-4557 OSRAM-SFH-4557 Datasheet
402Kb / 9P
High Power Infrared Emitter
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com